Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AS Datasheet(PDF) 363 Page - Motorola, Inc

Part # MPXM2102AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AS Datasheet(HTML) 363 Page - Motorola, Inc

Back Button MPXM2102AS Datasheet HTML 359Page - Motorola, Inc MPXM2102AS Datasheet HTML 360Page - Motorola, Inc MPXM2102AS Datasheet HTML 361Page - Motorola, Inc MPXM2102AS Datasheet HTML 362Page - Motorola, Inc MPXM2102AS Datasheet HTML 363Page - Motorola, Inc MPXM2102AS Datasheet HTML 364Page - Motorola, Inc MPXM2102AS Datasheet HTML 365Page - Motorola, Inc MPXM2102AS Datasheet HTML 366Page - Motorola, Inc MPXM2102AS Datasheet HTML 367Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 670 page
background image
AN1304
3–217
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 3. Silk Screen 2X
U3
R3
R2
R5
R6
FULL SCALE
DEVB129
ON
OFF
B+
OUT
GND
TP1
TP2
GND
C1
C2
MPX5100
kPa
100
90
80
70
60
50
40
30
20
10
PRESSURE
MOTOROLA
DISCRETE
APPLICATIONS
MPX5100 PRESSURE GAUGE
ZERO
Table 1. Parts List
Designators
Quant.
Description
Rating
Manufacturer
Part Number
C1
C2
1
1
Ceramic Cap
Ceramic Cap
0.1
µF
1
µF
D1–D10
1
Bar Graph LED
GI
MV57164
R1
R2
R3
R4
R5
R6
1
1
1
1
1
1
1/4 W Film Resistor
1/4 W Film Resistor
1/4 W Film Resistor
1/4 W Film Resistor
Trimpot
Trimpot
100
1.2K
2.7K
1.3K
1K
100
Bourns
Bourns
S1
1
On/Off Switch
NKK
12SDP2
U1
U2
U3
1
1
1
Bar Graph IC
Pressure Sensor
Voltage Regulator
National
Motorola
Motorola
LM3914
MPX5100
MC78L05ACP
—
—
—
—
1
3
4
4
Terminal Block
Test Point Terminal
Nylon Spacer
4–40 Nylon Screw
3/8
″
1/4
″
Augat
Components Corp.
25V03
TP1040104
Note: All resistors have a tolerance of 5% unless otherwise noted.
Note: All capacitors are 50 volt ceramic capacitors with a tolerance of 10% unless otherwise noted.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com