Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AS Datasheet(PDF) 386 Page - Motorola, Inc

Part # MPXM2102AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AS Datasheet(HTML) 386 Page - Motorola, Inc

Back Button MPXM2102AS Datasheet HTML 382Page - Motorola, Inc MPXM2102AS Datasheet HTML 383Page - Motorola, Inc MPXM2102AS Datasheet HTML 384Page - Motorola, Inc MPXM2102AS Datasheet HTML 385Page - Motorola, Inc MPXM2102AS Datasheet HTML 386Page - Motorola, Inc MPXM2102AS Datasheet HTML 387Page - Motorola, Inc MPXM2102AS Datasheet HTML 388Page - Motorola, Inc MPXM2102AS Datasheet HTML 389Page - Motorola, Inc MPXM2102AS Datasheet HTML 390Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 670 page
background image
AN1309
3–240
Motorola Sensor Device Data
www.motorola.com/semiconductors
GND
B+
ANALOG OUT
+12 V
COMPENSATED SENSOR
BAR GRAPH
PRESSURE GAUGE
15 OHMS
1%
453 OHMS
1%
30.1 OHMS
1%
4.85 V
0.302 V
VREFH
VREFL
0
1
2
3
4
5
6
7
PORT E
MC68HC11
Figure 5. Application Example
PRESSURE/
VACUUM
IN
+5 V
R12
R2
R3
R10
R9
R4
R5
R8
R6
R7
R14
R13
R11
R1
ZERO
FULL SCALE
TP2
TP1
GND
POWER
+
ON
OFF
MOTOROLA DISCRETE APPLICATIONS
B+
OUT
GND
SENSOR
U1
U3
C1
C2
% FULL SCALE
COMPENSATED PRESSURE SENSOR EVB
U2
DEVB147
100
90
70
60
50
40
30
20
10
80
Figure 6. Silk Screen
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com