Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AS Datasheet(PDF) 444 Page - Motorola, Inc

Part # MPXM2102AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AS Datasheet(HTML) 444 Page - Motorola, Inc

Back Button MPXM2102AS Datasheet HTML 440Page - Motorola, Inc MPXM2102AS Datasheet HTML 441Page - Motorola, Inc MPXM2102AS Datasheet HTML 442Page - Motorola, Inc MPXM2102AS Datasheet HTML 443Page - Motorola, Inc MPXM2102AS Datasheet HTML 444Page - Motorola, Inc MPXM2102AS Datasheet HTML 445Page - Motorola, Inc MPXM2102AS Datasheet HTML 446Page - Motorola, Inc MPXM2102AS Datasheet HTML 447Page - Motorola, Inc MPXM2102AS Datasheet HTML 448Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 670 page
background image
AN1513
3–298
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 3. Case Outline Drawings
Top: Case 371D–03, Issue C
Bottom: Case 350–05, Issue J
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.080
1.120
27.43
28.45
B
0.740
0.760
18.80
19.30
C
0.630
0.650
16.00
16.51
D
0.016
0.020
0.41
0.51
E
0.160
0.180
4.06
4.57
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.41
K
N
0.070
0.080
1.78
2.03
P
0.150
0.160
3.81
4.06
Q
0.150
0.160
3.81
4.06
R
0.440
0.460
11.18
11.68
S
0.695
0.725
17.65
18.42
U
0.840
0.860
21.34
21.84
V
0.182
0.194
4.62
4.92
E
C
J
V
–T–
PORT #2
VACUUM
PIN 1
4 PL
D
–P–
G
K
M
Q
M
0.25 (0.010)
T
U
A
F
S
N
B
S
P
M
0.13 (0.005)
Q S
T
–Q–
R
12
3
4
POSITIVE
PRESSURE
0.220
0.240
5.59
6.10
SEATING
PLANE
B
N
R
C
J
–T–
D
F
U
H
L
PORT #1
POSITIVE
PRESSURE
PIN 1
–A–
–Q–
S
K
G
4 PL
–P–
S
Q
M
0.25 (0.010)
T
S
S
M
0.13 (0.005)
Q S
T
12
3 4
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5, 1982.
2. CONTROLLING DIMENSION: INCH.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.145
1.175
29.08
29.85
B
0.685
0.715
17.40
18.16
C
0.305
0.325
7.75
8.26
D
0.016
0.020
0.41
0.51
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
H
0.182
0.194
4.62
4.93
J
0.014
0.016
0.36
0.41
K
0.695
0.725
17.65
18.42
L
0.290
0.300
7.37
7.62
N
0.420
0.440
10.67
11.18
P
0.153
0.159
3.89
4.04
Q
0.153
0.159
3.89
4.04
R
0.230
0.250
5.84
6.35
S
U
0.910 BSC
23.11 BSC
0.220
0.240
5.59
6.10
To mount any of the devices except Case 371–07/08 and
867E) to a flat surface such as a circuit board, the spacing and
diameter for the mounting holes should be made according to
Figure 3.
Mounting Screws
Mounting screws are recommended for making a very
secure, yet removable connection. The screws can be either
metal or nylon, depending on the application. The holes are
0.155
″ diameter which fits a #6 machine screw. The screw can
be threaded directly into the base mounting surface or go
through the base and use a flat washer and nut (on a circuit
board) to secure to the device.
MOUNTING TORQUE
The torque specifications are very important. The sensor
package should not be over tightened because it can crack,
causing the sensor to leak. The recommended torque
specification for the sensor packages are as follows:
Port Style
Torque Range
Single side port:
port side down
port side up
Differential port (dual port)
Axial side port
3–4 in –lb
6–7 in –lb
9 – 10 in – lb
9 – 10 in – lb
The torque range is based on installation at room
temperature. Since the sensor thermoplastic material has a
higher TCE (temperature coefficient of expansion) than
common metals, the torque will increase as temperature
increases. Therefore, if the device will be subjected to very low
temperatures, the torque may need to be increased slightly. If
a precision torque wrench is not available, these torques all
work out to be roughly 1/2 of a turn past “finger tight” (contact)
at room temperature.
Tightening beyond these recommendations may damage
the package, or affect the performance of the device.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com