Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AS Datasheet(PDF) 462 Page - Motorola, Inc

Part # MPXM2102AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AS Datasheet(HTML) 462 Page - Motorola, Inc

Back Button MPXM2102AS Datasheet HTML 458Page - Motorola, Inc MPXM2102AS Datasheet HTML 459Page - Motorola, Inc MPXM2102AS Datasheet HTML 460Page - Motorola, Inc MPXM2102AS Datasheet HTML 461Page - Motorola, Inc MPXM2102AS Datasheet HTML 462Page - Motorola, Inc MPXM2102AS Datasheet HTML 463Page - Motorola, Inc MPXM2102AS Datasheet HTML 464Page - Motorola, Inc MPXM2102AS Datasheet HTML 465Page - Motorola, Inc MPXM2102AS Datasheet HTML 466Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 670 page
background image
AN1518
3–316
Motorola Sensor Device Data
www.motorola.com/semiconductors
CALIBRATION PROCEDURE AND RESULTS
The following calibration procedure will explain how to
systematically manipulate the pulse train to create a ramp that
meets the necessary design constraints. The numbers used
here are only for this design example. Figure 6 shows the
linearity performance achieved by following this calibration
procedure and setting up the ramp as indicated by Figures 4
and 5.
1. Start with a pulse train that has a pulse width and
frequency that creates a ramp with about 100 mV dc
offset and a span smaller than required. In this example
the initial pulse width is 84
µs and the initial frequency is
1.85 kHz.
2. Decrease the frequency of the pulse train until the ramp
span increases to approximately 2.4 V. The ramp span of
2.4 V will ensure that the maximum pulse width at full
scale pressure will be at least 60
µs less than the total
period. Note that by decreasing the frequency of the
pulse train, a dc offset will begin to appear. This may
result in the ramp looking nonlinear at the top.
3. If the ramp begins to become nonlinear, increase the
pulse width to decrease the dc offset.
4. Repeat steps 2 and 3 until the ramp spans 2.4 V and has
a dc offset of approximately 100 mV. The dc offset value
is not critical, but the bottom of the ramp should have a
“crisp” point at which the capacitor stops discharging and
begins charging. Simply make sure that the minimum
pulse width at zero pressure is at least 60
µs. Refer to
Figures 4 and 5 to determine if the ramp is sufficient for
the application.
Figure 5. Relationships Between the PWM Output Pressure Sensor Voltages
Microcontroller
Pulse Train
Exaggerated
Capacitor Discharge
Ramp
Waveform
Ramp Waveform
Offset (100 mV)
Sensor
Voltage
PWM Output
Voltage
Figure 6. PWM Output Pressure Sensor Linearity Data
Pressure (kPa)
100
90
80
70
60
50
40
30
20
10
0
650
600
550
500
450
400
350
300
250
200
150
100
50
0
0
204060
80
100
Duty Cycle
Pulse Width
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com