Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AS Datasheet(PDF) 567 Page - Motorola, Inc

Part # MPXM2102AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AS Datasheet(HTML) 567 Page - Motorola, Inc

Back Button MPXM2102AS Datasheet HTML 563Page - Motorola, Inc MPXM2102AS Datasheet HTML 564Page - Motorola, Inc MPXM2102AS Datasheet HTML 565Page - Motorola, Inc MPXM2102AS Datasheet HTML 566Page - Motorola, Inc MPXM2102AS Datasheet HTML 567Page - Motorola, Inc MPXM2102AS Datasheet HTML 568Page - Motorola, Inc MPXM2102AS Datasheet HTML 569Page - Motorola, Inc MPXM2102AS Datasheet HTML 570Page - Motorola, Inc MPXM2102AS Datasheet HTML 571Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 567 / 670 page
background image
AN4010
3–421
Motorola Sensor Device Data
www.motorola.com/semiconductors
For example, if the evaluation board is being used under the
following conditions:
Vs = 3V
G1 = 101
G2 = 6
MPX2010 zero pressure offset = 0.3mV
At this supply voltage, VOFFSET can be calculated to be
6.7% x 3V = 0.2V.
The voltage V, due simply to the zero
pressure sensor offset voltage of 0.3mV, can be calculated
from equation (1):
V1 = 0.3mV * 101 + 0.2V = 0.23V
The voltage after the second gain stage comes from
equation (2),
V2 = 6 x 0.23V = 1.38 V.
Therefore, before any pressure is applied to the sensor, a
1.38V DC signal will appear at V. Since the supply voltage is
3V, the available signal for actual pressure is 1.62 V. With a
total gain of G1 x G2 = 606, the largest raw pressure signal that
can be accurately measured would be 1.62V/606 = 2.67 mV.
For the MPX2010 family operating at Vs = 3V, this
corresponds to roughly 3.5 kPa.
The board lends itself well to system integration via an A/D
converter and microprocessor. For particular applications,
general knowledge of the expected pressure signal can aid in
choosing the proper customized gain. This will avoid op-amp
saturation and will also ensure that the full-scale output signal
is suitable for A/D conversion. To take another example,
suppose that a particular application has the following
constraints:
Supply Voltage, Vs = 5.0 V,
(thus VOFFSET = 6.7% x 5 = 0.335 V)
Sensor zero–pressure offset voltage, VZP = 0.3mV
Expected Pressure range = 0—2 kPa,
(corresponds to
DVSENSOR-MAX = 2.5mV @ 5V)
Desired maximum output range,
DV2MAX = 2V
(assume VMIN = 2V, V2MAX = 4V for reasonable A/D
resolution)
By manipulating equations (1) and (2) it can be shown that,
DV2MAX = GT x DVSENSOR–MAX
where GT is the total gain, equal to G1G2.
Thus GT = 2V/2.5mV = 800
To find G1 and G2, evaluate V2MIN at the zero pressure
condition.
V2MIN = G2 V1MIN,
But V1MIN = G1 VZP + VOFFSET
Thus V2MIN = GT VZP + G2 VOFFSET
Solving for G2, G2 = (V2MIN – GT VZP)/ VOFFSET
numerically, G2 = (2V — (800x.0003V))/.335V
G2 = 5.2, and G1 = GT /G2 = 152
BOARD LAYOUT & CONTENT
The low-pressure evaluation board has been designed
using standard components.
The only item that requires
careful selection is the operation amplifier IC. Because the
selected gain may be relatively high as in the previous
example, it is essential that this device have a low offset
voltage. A device with a typical voltage offset of 35 mV has
been selected. Even with a gain of 1500, this will result in a
52mV offset. Table 3 is a parts list for the board layout shown
in Figure1.
Table 3. Parts List
Ref.
Qty.
Description
Value
Vendor
Part No.
X1
1
Pressure Sensor
10 Kpa
Motorola
MPX2010
MPXC2011
C1
1
Vcc Cap
1 uF
Generic
C2
1
Op-Amp Cap
0.1 uF
Generic
C3
1
2nd stage cap
4700 pF
Generic
D1
1
LED
Generic
for U1
1
Op-Amp socket
Generic
U1
1
Op-Amp
Analog
Devices
OP496GP
R1, R4
2
1/4 W Resistor
100K
Generic
R2,R3,
R5,R6
4
1/4 W Resistor
1K
Generic
R7
1
1/4 W Resistor
6.8K
Generic
R8
1
1/4 W Resistor
510
Generic
R9
1
Potentiometer
1K
Bourns
3386P–102
R10
1
1/4 W Resistor
51K
Generic
R11
1
1/4 W Resistor
custom
Generic
R12
1
1/4 W Resistor
2K
Generic
R41
1
1/4 W Resistor
custom
Generic
R51
1
1/4 W Resistor
custom
Generic
JP1 –
JP7
7
Jumper
Generic
J1
1
3 Pos Connector
Phoenix
MKDS1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com