Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AS Datasheet(PDF) 572 Page - Motorola, Inc

Part # MPXM2102AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AS Datasheet(HTML) 572 Page - Motorola, Inc

Back Button MPXM2102AS Datasheet HTML 568Page - Motorola, Inc MPXM2102AS Datasheet HTML 569Page - Motorola, Inc MPXM2102AS Datasheet HTML 570Page - Motorola, Inc MPXM2102AS Datasheet HTML 571Page - Motorola, Inc MPXM2102AS Datasheet HTML 572Page - Motorola, Inc MPXM2102AS Datasheet HTML 573Page - Motorola, Inc MPXM2102AS Datasheet HTML 574Page - Motorola, Inc MPXM2102AS Datasheet HTML 575Page - Motorola, Inc MPXM2102AS Datasheet HTML 576Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 572 / 670 page
background image
3–426
Motorola Sensor Device Data
www.motorola.com/semiconductors
PACKAGE OUTLINE DIMENSIONS (continued)
CASE 423A–03
ISSUE C
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
6.10
6.60
0.240
0.260
INCHES
B
8.89
9.40
0.350
0.370
C
3.56
3.81
0.140
0.150
D1
0.30
0.51
0.012
0.020
E
2.24
2.59
0.088
0.102
F
3.12
3.25
0.123
0.128
G
1.14
1.40
0.045
0.055
H
0.94
1.19
0.037
0.047
J
0.18
0.28
0.007
0.011
K
3.05
3.56
0.120
0.140
L
2.41
2.67
0.095
0.105
M
4.19
4.45
0.165
0.175
N
5.66
6.07
0.223
0.239
V
2.67
2.92
0.105
0.115
AA
2.41
2.72
0.095
0.107
AB
0.38
0.89
0.015
0.035
AC
3.05
4.45
0.120
0.175
AD
2.54
2.92
0.100
0.115
STYLE 1:
PIN 1. VCC
2. +OUT
3. –OUT
4. GROUND
AB
AD
AA
F
AC
BACK VIEW
G
D1
V
N
FRONT VIEW
M
A
12
4
3
C
L
B
F
K
H
E
J
–T–
END VIEW
D2
DETAIL A
DETAIL A
D2
0.36
0.56
0.014
0.022
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com