Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 307 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 307 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 303Page - Motorola, Inc MPXM2202AS Datasheet HTML 304Page - Motorola, Inc MPXM2202AS Datasheet HTML 305Page - Motorola, Inc MPXM2202AS Datasheet HTML 306Page - Motorola, Inc MPXM2202AS Datasheet HTML 307Page - Motorola, Inc MPXM2202AS Datasheet HTML 308Page - Motorola, Inc MPXM2202AS Datasheet HTML 309Page - Motorola, Inc MPXM2202AS Datasheet HTML 310Page - Motorola, Inc MPXM2202AS Datasheet HTML 311Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 670 page
background image
3–161
Motorola Sensor Device Data
www.motorola.com/semiconductors
50 kPa
On-ChipTemperature
Compensated & Calibrated
Silicon Pressure Sensors
The MPXM2053 device is a silicon piezoresistive pressure sensor providing a highly
accurate and linear voltage output — directly proportional to the applied pressure. The
sensor is a single, monolithic silicon diaphragm with the strain gauge and a thin–film
resistor network integrated on–chip. The chip is laser trimmed for precise span and offset
calibration and temperature compensation.
Features
• Temperature Compensated Over 0°C to +85°C
• Available in Easy–to–Use Tape & Reel
• Ratiometric to Supply Voltage
• Gauge Ported & Non Ported Options
Application Examples
• Pump/Motor Controllers
• Robotics
• Level Indicators
• Medical Diagnostics
• Pressure Switching
• Non–Invasive Blood Pressure Measurement
Figure 1 shows a block diagram of the internal circuitry on the stand–alone pressure
sensor chip.
Figure 1. Temperature Compensated Pressure Sensor Schematic
VS
3
X–ducer
SENSING
ELEMENT
THIN FILM
TEMPERATURE
COMPENSATION
AND
CALIBRATION
CIRCUITRY
2
4
Vout+
Vout–
1
GND
VOLTAGE OUTPUT versus APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the sensor is directly proportional to the differential
pressure applied.
The output voltage of the differential or gauge sensor increases with increasing
pressure applied to the pressure side (P1) relative to the vacuum side (P2). Similarly,
output voltage increases as increasing vacuum is applied to the vacuum side (P2)
relative to the pressure side (P1).
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPXM2053
SERIES
0 to 50 kPa (0 to 7.25 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
PIN NUMBER
1
2
Gnd
+Vout
3
4
VS
–Vout
Motorola Preferred Device
MPXM2053D/DT1
CASE 1320
MPXM2053GS/GST1
CASE 1320A
SCALE 1:1
SCALE 1:1
MPAK PACKAGE
REV 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com