Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 326 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 326 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 322Page - Motorola, Inc MPXM2202AS Datasheet HTML 323Page - Motorola, Inc MPXM2202AS Datasheet HTML 324Page - Motorola, Inc MPXM2202AS Datasheet HTML 325Page - Motorola, Inc MPXM2202AS Datasheet HTML 326Page - Motorola, Inc MPXM2202AS Datasheet HTML 327Page - Motorola, Inc MPXM2202AS Datasheet HTML 328Page - Motorola, Inc MPXM2202AS Datasheet HTML 329Page - Motorola, Inc MPXM2202AS Datasheet HTML 330Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 670 page
background image
MPXV5004G SERIES
3–180
Motorola Sensor Device Data
www.motorola.com/semiconductors
MAXIMUM RATINGS(NOTE)
Parametrics
Symbol
Value
Unit
Maximum Pressure (P1 > P2)
Pmax
16
kPa
Storage Temperature
Tstg
– 30 to +100
°C
Operating Temperature
TA
0 to +85
°C
NOTE: Exposure beyond the specified limits may cause permanent damage or degradation to the device.
OPERATING CHARACTERISTICS (VS = 5.0 Vdc, TA = 25°C unless otherwise noted, P1 > P2. Decoupling circuit shown in Figure 3
required to meet electrical specifications)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
0
—
3.92
400
kPa
mm H2O
Supply Voltage(1)
VS
4.75
5.0
5.25
Vdc
Supply Current
IS
—
—
10
mAdc
Span at 306 mm H2O (3 kPa)(2)
VFSS
—
3.0
—
V
Offset(3)(5)
Voff
0.75
1.00
1.25
V
Sensitivity
V/P
—
1.0
9.8
—
V/kPa
mV/mm H2O
Accuracy(4)(5)
0 to 100 mm H2O
(10 to 60
°C)
100 to 400 mm H2O
(10 to 60
°C)
—
—
—
±1.5
±2.5
%VFSS
%VFSS
NOTES:
1. Device is ratiometric within this specified excitation range.
2. Span is defined as the algebraic difference between the output voltage at specified pressure and the output voltage at the minimum rated
pressure.
3. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
4. Accuracy (error budget) consists of the following:
• Linearity:
Output deviation from a straight line relationship with pressure over the specified pressure range.
• Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is
cycled to and from the minimum or maximum operating temperature points, with zero differential pressure
applied.
• Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from the
minimum or maximum rated pressure, at 25
°C.
• Offset Stability:
Output deviation, after 1000 temperature cycles,
*30 to 100°C, and 1.5 million pressure cycles, with
minimum rated pressure applied.
• TcSpan:
Output deviation over the temperature range of 10 to 60
°C, relative to 25°C.
• TcOffset:
Output deviation with minimum rated pressure applied, over the temperature range of 10 to 60
°C,
relative to 25
°C.
• Variation from Nominal: The variation from nominal values, for Offset or Full Scale Span, as a percent of VFSS, at 25°C.
5. Auto Zero at Factory Installation: Due to the sensitivity of the MPXV5004G, external mechanical stresses and mounting position can affect
the zero pressure output reading. Autozeroing is defined as storing the zero pressure output reading and subtracting this from the device’s
output during normal operations. Reference AN1636 for specific information. The specified accuracy assumes a maximum temperature
change of
± 5° C between autozero and measurement.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com