Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 331 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 331 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 327Page - Motorola, Inc MPXM2202AS Datasheet HTML 328Page - Motorola, Inc MPXM2202AS Datasheet HTML 329Page - Motorola, Inc MPXM2202AS Datasheet HTML 330Page - Motorola, Inc MPXM2202AS Datasheet HTML 331Page - Motorola, Inc MPXM2202AS Datasheet HTML 332Page - Motorola, Inc MPXM2202AS Datasheet HTML 333Page - Motorola, Inc MPXM2202AS Datasheet HTML 334Page - Motorola, Inc MPXM2202AS Datasheet HTML 335Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 670 page
background image
MPXV6115VC6U
3–185
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 2. Cross Sectional Diagram SOP
(Not to Scale)
Figure 3. Typical Application Circuit
(Output Source Current Operation)
VS Pin 2
+5.0 V
GND Pin 3
Vout Pin 4
MPXV6115VC6U
to ADC
100 nF
51 K
47 pF
FLUOROSILICONE
GEL DIE COAT
WIRE BOND
DIFFERENTIAL SENSING
ELEMENT
THERMOPLASTIC
CASE
STAINLESS
STEEL CAP
LEAD
FRAME
P1
P2
DIE BOND
DIE
Figure 2 illustrates the absolute sensing chip in the basic
Small Outline chip carrier (Case 482).
Figure 3 shows a typical application circuit (output source
current operation).
Figure 4. Output versus Absolute Pressure
MAX
TRANSFER FUNCTION:
Vout = VS*[(0.007652*P) + 0.92] ± (Pressure error
*Temp Factor*0.007652*VS)
VS = 5.0 V ± 0.25 Vdc
TEMP = 0–85
° C
MIN
–115
–95
–75
–55
–35
–15
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Vout vs. VACUUM
TRANSFER FUNCTION MPXV6115VC6U
0
Figure 4 shows the sensor output signal relative to pres-
sure input. Typical minimum and maximum output curves
are shown for operation over 0 to 85
°C temperature range.
The output will saturate outside of the rated pressure range.
A fluorosilicone gel isolates the die surface and wire
bonds from the environment, while allowing the pressure
signal to be transmitted to the silicon diaphragm. The
MPXV6115VC6U pressure sensor operating characteristics,
internal reliability and qualification tests are based on use of
dry air as the pressure media. Media other than dry air may
have adverse effects on sensor performance and long–term
reliability. Contact the factory for information regarding me-
dia compatibility in your application.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com