Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 338 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 338 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 334Page - Motorola, Inc MPXM2202AS Datasheet HTML 335Page - Motorola, Inc MPXM2202AS Datasheet HTML 336Page - Motorola, Inc MPXM2202AS Datasheet HTML 337Page - Motorola, Inc MPXM2202AS Datasheet HTML 338Page - Motorola, Inc MPXM2202AS Datasheet HTML 339Page - Motorola, Inc MPXM2202AS Datasheet HTML 340Page - Motorola, Inc MPXM2202AS Datasheet HTML 341Page - Motorola, Inc MPXM2202AS Datasheet HTML 342Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 670 page
background image
AN935
3–192
Motorola Sensor Device Data
www.motorola.com/semiconductors
A second technique that still uses a single pressure
measurement as the input was investigated. In this method,
the sensitivity coefficients are calculated using a piece–wise
linearization technique where the total span variation is
divided into four windows of 10 mV (i.e., 30–39.99, 40–49.99,
etc.) and coefficients calculated for each window. The errors
that arise out of using this method are shown in Figures 10
through 13. This method results in a large majority of the
devices having errors <0.5%, while only one of the devices
was >1%. The sensitivity coefficients that are substituted into
equation [2] for the different techniques are given in Table 1.
It is important to note that for either technique the only
measurement that is required by the user in order to clearly
determine the sensitivity coefficients is the determination of
the full scale span of the particular pressure transducer.
Figure 10. Linearity Error of Piece–Wise Linear Fit at 1/4 FS
48
42
36
30
24
18
12
6.0
0.0
37.69
33.92
30.15
26.38
22.62
18.85
15.08
11.31
7.54
3.77
– 2.0
–1.6 –1.4 –1.2 –1.0 – 0.8 – 0.6 – 0.4 – 0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4 1.6
1.8
2.0
NO. OF UNITS
LINEARITY ERROR (% FS)
General Fit
P = 1/4 FS
Average Error = 0.18
Standard Deviation = 0.159
%
–1.8
Table 1. Comparison of Linearization Methods
SPAN WINDOW
B0
B1
B2
GENERAL FIT
0.1045 + 2.95E – 3X
0.2055 + 1.598E – 3X + 1.723E – 4X2
1.293E – 13X5.681
PIECE–WISE LINEAR FIT
30–39.99
0.08209 – 2.246E – 3X
0.02433 = 1.430E – 2X
–1.961E – 4 + 8.816E – 6X
40–49.99
0.1803 – 4.67E – 3X
–0.119 + 1.655E – 2X
–1.572E – 3 + 4.247E – 5X
50–59.99
0.1055 – 3.051E – 3X
–0.355 + 2.126E – 2X
–5.0813 – 3 + 1.116E – 4X
60–69.99
–0.288 + 3.473E – 3X
–0.361 + 2.145E – 2X
–5.928E – 3 + 1.259E – 4X
X = Full Scale Span
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com