Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 359 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 359 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 355Page - Motorola, Inc MPXM2202AS Datasheet HTML 356Page - Motorola, Inc MPXM2202AS Datasheet HTML 357Page - Motorola, Inc MPXM2202AS Datasheet HTML 358Page - Motorola, Inc MPXM2202AS Datasheet HTML 359Page - Motorola, Inc MPXM2202AS Datasheet HTML 360Page - Motorola, Inc MPXM2202AS Datasheet HTML 361Page - Motorola, Inc MPXM2202AS Datasheet HTML 362Page - Motorola, Inc MPXM2202AS Datasheet HTML 363Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 670 page
background image
AN1303
3–213
Motorola Sensor Device Data
www.motorola.com/semiconductors
Table 1. Parts List for 4 – 20 mA Pressure Transducer Evaluation Board
Designator
Quantity
Description
Rating
Manufacturer
Part Number
1
1
4
4
2
2
PC Board (see Figure 3)
Input/Output Terminals
1/2
″ standoffs, Nylon threaded
1/2
″ screws, Nylon
5/8
″ screws, Nylon
4–40 nuts, Nylon
Motorola
PHX CONT
DEVB126
#1727010
C1
1
Capacitor
0.01
µF
50 V
D1
D2
1
1
Diodes
100 V Diode
6.4 V Zener
1 A
1N4002
1N4565A
Q1
1
Transistor
NPN Bipolar
Motorola
MPSA06
R1
R2
R3
R4
1
1
1
1
Resistors, Fixed
750
Ω
1 k
Ω
39
Ω
1 M
Ω
1/2 W
R5
R6
1
1
Resistors, Variable
50
Ω, one turn
100 K
Ω, one turn
Bourns
Bourns
#3386P–1–500
#3386P–1–104
U1
1
Integrated Circuit
Two wire current transmitter
Burr–Brown
XTR101
XDCR1
1
Sensor
High Impedance
15 PSI
Motorola
MPX5100DP
NOTE: All resistors are 1/4 W with a tolerance of 5% unless otherwise noted. All capacitors are 100 volt, ceramic capacitors with a tolerance
of 10% unless otherwise noted.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com