Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 397 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 397 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 393Page - Motorola, Inc MPXM2202AS Datasheet HTML 394Page - Motorola, Inc MPXM2202AS Datasheet HTML 395Page - Motorola, Inc MPXM2202AS Datasheet HTML 396Page - Motorola, Inc MPXM2202AS Datasheet HTML 397Page - Motorola, Inc MPXM2202AS Datasheet HTML 398Page - Motorola, Inc MPXM2202AS Datasheet HTML 399Page - Motorola, Inc MPXM2202AS Datasheet HTML 400Page - Motorola, Inc MPXM2202AS Datasheet HTML 401Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 670 page
background image
AN1315
3–251
Motorola Sensor Device Data
www.motorola.com/semiconductors
1EFE 74
#pragma mor @ 0x1efe = 0x74; /* this disables the watchdog counter and does
not add pull–down resistors on ports B and C */
/* put constants and variables here...they must be global */
/***************************************************************************/
0800 FC 30 DA 7A 36 6E E6 38 FE
const char lcdtab[]={0xfc,0x30,0xda,0x7a,0x36,0x6e,0xe6,0x38,0xfe,0x3e };
0809 3E
/* lcd pattern table
0
1
2
3
4
5
6
7
8
9
*/
080A 27 10 03 E8 00 64 00 0A
const long dectable[] = { 10000, 1000, 100, 10 };
0050 0005
unsigned int digit[5]; /* buffer to hold results from cvt_bin_dec function */
0812 00 96 00 4B 00 96 00 1E 00
const long type[] = {
150,
75,
150,
30,
103
};
081B 67
/*
MPX2010
MPX2050
MPX2100
MPX2200
MPX2700
The table above will cause the final results of the pressure to
engineering units to display the 1.5, 7.3 and 15.0 devices with a
decimal place in the tens position. The 30 and 103 psi devices will
display in integer units.
*/
const long slope_const[]={ 450,418,423,427,432,436,441,445,454,459,
081C 01 C2 01 A2 01 A7 01 AB 01
463,468,472,477,481,450 };
0825 B0 01 B4 01 B9 01 BD 01 C6
082E 01 CB 01 CF 01 D4 01 D8 01
0837 DD 01 E1 01 C2
0000
registera areg;
/* processor’s A register */
0055
long atodtemp;
/* temp to accumulate 100 a/d readings for smoothing */
0059
long slope;
/* multiplier for adc to engineering units conversion */
005B
int adcnt;
/* a/d converter loop counter */
005C
long xdcr_offset;
/* initial xdcr offset */
005E
long sensor_model; /*
installed sensor based on J1..J3 */
0060
int sensor_index;
/*
determine the location of the decimal pt. */
0061 0063
unsigned long i,j; /* counter for loops */
0065
unsigned int k;
/* misc variable */
struct bothbytes
{
int hi;
{
int lo;
};
union isboth
0066 0002
{
long
l;
0066 0002
struct bothbytes b;
0066 0002
};
0066 0002
union isboth q;
/* used for timer set–up */
/***************************************************************************/
/* variables for add32
*/
0068 0004
unsigned long SUM[2];
/*
result
*/
006C 0004
unsigned long ADDEND[2]; /*
one input
*/
0070 0004
unsigned long AUGEND[2]; /*
second input
*/
/* variables for sub32
*/
0074 0004
unsigned long MINUE[2];
/*
minuend
*/
0078 0004
unsigned long SUBTRA[2]; /*
subtrahend
*/
007C 0004
unsigned long DIFF[2];
/*
difference
*/
/* variables for mul32
*/
0080 0004
unsigned long MULTP[2];
/*
multiplier
*/
0084 0004
unsigned long MTEMP[2];
/*
high order 4 bytes at return */
0088 0004
unsigned long MULCAN[2]; /*
multiplicand at input, low 4 bytes at return */
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com