Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 428 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 428 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 424Page - Motorola, Inc MPXM2202AS Datasheet HTML 425Page - Motorola, Inc MPXM2202AS Datasheet HTML 426Page - Motorola, Inc MPXM2202AS Datasheet HTML 427Page - Motorola, Inc MPXM2202AS Datasheet HTML 428Page - Motorola, Inc MPXM2202AS Datasheet HTML 429Page - Motorola, Inc MPXM2202AS Datasheet HTML 430Page - Motorola, Inc MPXM2202AS Datasheet HTML 431Page - Motorola, Inc MPXM2202AS Datasheet HTML 432Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 670 page
background image
AN1322
3–282
Motorola Sensor Device Data
www.motorola.com/semiconductors
D6
MV53124A
LOW
B+
C2
0.1
µF
3
U1
MC78L08ACP
I
O
G
2
1
32
1
4
5
6
7
U2B
MC33272
C1
0.1
µF
U2A
MC33272
1
3
2
4
R8
10 k
LOW
R9
10 k
HI
R10
2.7 k
R11
2.7 k
I2
MDC4010A
I3
MDC4010A
D4
MV54124A
0 k
D5
MV57124A
HIGH
I1
MDC4510A
1
3
2
D1
1N914
D2
1N914
8
7
6
5
1
2
3
4
U3
MC33161
REF
IN1
IN2
GND
VCC
MODE
OUT1
OUT2
R7
7.5 k
+
–
+
–
1
2
1
2
GND
XDCR1
MPX2000
SERIES
SENSOR
R3
6.65 k
1%
R5
1.33 k
1%
R6
11.3 k
1%
R4
100
1%
R2
750
1%
C3 0.001
µF
R1 93.1 k 1%
8
+
–
+
–
+
–
+
–
VREF
VCC
2.54 V
REFERENCE
OUT1
OUT2
8
6
5
3
2
7
1
MODE SELECT
INPUT1
INPUT2
1.27 V
1.27 V
GND
4
0.6 V
2.8 V
Figure 5. An Inexpensive 3–Segment
Processor Monitor
Figure 6. MC33161 Block Diagram
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com