Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 465 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 465 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 461Page - Motorola, Inc MPXM2202AS Datasheet HTML 462Page - Motorola, Inc MPXM2202AS Datasheet HTML 463Page - Motorola, Inc MPXM2202AS Datasheet HTML 464Page - Motorola, Inc MPXM2202AS Datasheet HTML 465Page - Motorola, Inc MPXM2202AS Datasheet HTML 466Page - Motorola, Inc MPXM2202AS Datasheet HTML 467Page - Motorola, Inc MPXM2202AS Datasheet HTML 468Page - Motorola, Inc MPXM2202AS Datasheet HTML 469Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 670 page
background image
AN1525
3–319
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 1. Positioning the Sensor’s Full–Scale Span within the A/D’s or Amplifier’s Dynamic Range
A/D HIGH REFERENCE OR HIGH
SATURATION LEVEL OF AMPLIFIER
FULL–SCALE
OUTPUT VOLTAGE
A/D LOW REFERENCE OR LOW
SATURATION LEVEL OF AMPLIFIER
ZERO PRESSURE
OFFSET VOLTAGE
A similar requirement that warrants the use of a dc level
shift is the prevention of the pressure sensor’s voltage from
extending into the saturation regions of the operational
amplifiers. This also would cause a nonlinearity in the sensor
output measurements. For example, if an op–amp powered
with a single–ended 5 V supply saturates near the low rail of
the supply at 0.2 V, a positive dc level shift may be required
to position the zero pressure offset voltage at or above 0.2 V.
Likewise, if the same op–amp saturates near the high rail of
the supply at 4.8 V, a negative dc level shift may be required
to position the full–scale pressure voltage at or below 4.8 V.
It should be obvious that if the gain of the amplifiers is too
large, the span may be too large to be positioned within the
4.6 V window (regardless of ability to level shift dc offset). In
such a case, the gain must be decreased to reduce the span.
THE TWO OP–AMP GAIN STAGE
TRANSFER FUNCTION
The transfer function of the two op–amp signal–conditioning
stage, shown in Figure 2, can be determined using nodal
analysis at nodes 1 and 2. The analysis can be simplified by
calculating the transfer function for each of the signals with the
other two signals grounded (set to zero), and then employing
superposition to realize the overall transfer function. As shown
in Figure 2, VIN2 and VIN1 are the differential amplifier input
signals (with VIN2 > VIN1), and VREF is the positive dc level
adjust point. For a sensor with a small zero pressure offset
and operational amplifiers powered from a single–ended
supply, it may be necessary to add a positive dc level shift to
keep the operational amplifiers from saturating near zero
volts.
Figure 2. The Two Operational–Amplifier Gain Stage
VIN2
VIN1
VREF
NODE 1
R1
R2
R4
R3
VCC
NODE 2
U1
VO′
VO
U1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com