Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 475 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 475 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 471Page - Motorola, Inc MPXM2202AS Datasheet HTML 472Page - Motorola, Inc MPXM2202AS Datasheet HTML 473Page - Motorola, Inc MPXM2202AS Datasheet HTML 474Page - Motorola, Inc MPXM2202AS Datasheet HTML 475Page - Motorola, Inc MPXM2202AS Datasheet HTML 476Page - Motorola, Inc MPXM2202AS Datasheet HTML 477Page - Motorola, Inc MPXM2202AS Datasheet HTML 478Page - Motorola, Inc MPXM2202AS Datasheet HTML 479Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 670 page
background image
AN1536
3–329
Motorola Sensor Device Data
www.motorola.com/semiconductors
Table 1 lists the jumper wire selections needed for
calibration and operational modes. The jumper wire junction
block (J1, J2, J3) is connected to the microprocessor, pins
PC0, PC1 and PC2, respectively as shown in Figure 5.
Table 1.
J1
J2
J3
OUT
OUT
OUT
Display speed in mph
OUT
OUT
IN
100 psi X–ducer installed
OUT
IN
OUT
30 psi X–ducer installed
OUT
IN
IN
15 psi X–ducer installed
IN
OUT
OUT
Full scale calibrate
IN
OUT
IN
Zero calibrate
IN
IN
OUT
Display pressure in psi
IN
IN
IN
Display speed in mph
Figure 5. Boat Speedometer Processor Board
–
+
+
–
–
+
LM139A
–
+
–
+
–
+
+8
LM334Z–3
U7
R13
147
Ω
D2 (APPROX. 470
µA)
POLYCARBONATE
C8
0.47
µF
R14
1.5 k
5%
R12
4.7
Ω
5%
2N7000
Q1
LM139A
LM139A
LM139A
33078
33078
+8
10
11
8
9
4
5
3
1/4 U6
1/4 U6
1/4 U6
VREF +5
R11
10 k
5%
R10
10 k
5%
R9
10 k
5%
+5
13
14
2
R4
10 k
5%
R8
10 k
5%
+8
5
6
8
1/2 U3
7
15
2
3
4
1/2 U3
4
C14 22 pF
C13 22 pF
R5 316 k
R7 316 k
R6
10 k
+5
16
8
7
6
10
9
13
12
11
U4
Y0
Y1
Z0
Z1
2
1
5
3
+8
32
41
74HC4053
6
7
1/4 U6
+12
GND
5
6
D1
1N4004
R1
4.7
Ω
5%
C1
0.1
C2
33
µF
+
MC78L05
ACP
U2
MC78L08
ACP
U1
VREF
(APPROX. 4.5 V)
C7
10
µF
+
C6
0.1
C4
10
µF
+
C3
0.1
+5
+8
R2
1.15 k
R3
1.5 k
C5
0.1
NOTES:
UNLESS OTHERWISE NOTED, ALL RESISTORS 1% METAL FILM.
* U5 PINS 11–16 (PC2–PC7) ARE CONNECTED HERE FOR
* TERMINATION PURPOSES.
32
27
43
33
34
45
42
52
51
47
49
44
46
48
50
VREF
7
8
17
2
18
19
26
11*
10
9
1
31
3
20
21
22
25
4
24
23
R15
R16
R17
3–10 k
5%
IC1 (PA2)
PA7
PE0
IC2 (PA1)
IC3 (PA0)
PE1
PB0
VRH
VRL
PE2
PE3
PE4
PE5
PE6
PE7
XTAL
EXTAL
RESET
MODB
XIRQ
IRQ
VDD
PC2
PC1
PC0
VSS
PA3
MODA
PD0
PD1
PD2
PD5
STRA
(PD4) SCK
(PD3) MOSI
R19
10 MEG
5%
Y1
8 MHz
C12
22 pF
+5
+5
R18
4.7 k
5%
MC34064
P–5
U8
J3
J2
J1
TEST
JUMPERS
1
2
3
4
+5
C10
0.1
U5
MC68HC711E9FN
MPXM2202GS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com