Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 499 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 499 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 495Page - Motorola, Inc MPXM2202AS Datasheet HTML 496Page - Motorola, Inc MPXM2202AS Datasheet HTML 497Page - Motorola, Inc MPXM2202AS Datasheet HTML 498Page - Motorola, Inc MPXM2202AS Datasheet HTML 499Page - Motorola, Inc MPXM2202AS Datasheet HTML 500Page - Motorola, Inc MPXM2202AS Datasheet HTML 501Page - Motorola, Inc MPXM2202AS Datasheet HTML 502Page - Motorola, Inc MPXM2202AS Datasheet HTML 503Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 499 / 670 page
background image
AN1556
3–353
Motorola Sensor Device Data
www.motorola.com/semiconductors
Table 4. Design Example Using the MPX2010
Given Parameters
Performance Parameters
Headroom Parameters
MaxFSS
(mV @ 25
°C)
13
[1]Resolution (% FSS)
1.2
[7]Maximum Temperature Effect on Offset
(V)
0.14
MinFSS
(mV @ 25
°C)
12
[2]Number of Steps
167
[8]Maximum Offset Variation
(V)
0.55
TCVFSS
(% FSS)
±1
[3]Minimum Required Span
(V)
3.27
[9]Minimum Offset
(V)
– 0.27
MaxSensOff
(mV @ 25
°C)
0.5
[4]Gain
275
[10]Maximum Offset
(V)
0.27
MinSensOff
(mV @ 25
°C)
– 0.5
[5]Maximum Span
(V)
3.61
[13]VREF
(V)
0.47
TCVoff
(mV, 0
°C to 85°C)
±0.5
VS
(V)
5
[6]Calculated Headroom
(V)
0.74
[11]Required Headroom
(V)
0.55
Vhi
(V)
4.8
Vlo
(V)
0.2
[12]IS
Calculated Headroom
≥
Required Headroom ?
Vtol
(%)
5
Maxtemp
(
°C)
85
MinTemp
(
°C)
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com