Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 520 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 520 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 516Page - Motorola, Inc MPXM2202AS Datasheet HTML 517Page - Motorola, Inc MPXM2202AS Datasheet HTML 518Page - Motorola, Inc MPXM2202AS Datasheet HTML 519Page - Motorola, Inc MPXM2202AS Datasheet HTML 520Page - Motorola, Inc MPXM2202AS Datasheet HTML 521Page - Motorola, Inc MPXM2202AS Datasheet HTML 522Page - Motorola, Inc MPXM2202AS Datasheet HTML 523Page - Motorola, Inc MPXM2202AS Datasheet HTML 524Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 670 page
background image
AN1586
3–374
Motorola Sensor Device Data
www.motorola.com/semiconductors
ADDITIONAL NOTES
This type of A/D conversion method (one type of A/D
conversion) inherently takes a finite period of time to digitize
the signal (incrementing the pulse train’s high time while
polling the general I/O pin); however, for most sensor
applications the physical phenomenon being measured does
not change quickly (<1 ms) enough to warrant an ultra–fast
A/D conversion process.
An additional advantage of this design is that the
measurement process may be performed only as necessary,
keeping the CPU processing time and overhead minimal.
If an input capture timer channel (TCAP) is available, it may
be configured to detect the logic–level one to logic–level zero
transition of the comparator’s output. When the edge
transition occurs, an interrupt service routine is executed that
stores the pulse train’s high times, calculates the current
pressure, etc. This is typically more convenient and eliminates
the need to poll a general I/O pin every time the pulse train’s
high time is incremented (interrupt subroutine is executed only
when the edge transition occurs).
SUMMARY
Shown above is a minimal component design that can
convert an analog sensor’s output into a digital output. Each
major subsystem (sensor, amplifier, integrator, comparator,
and microcontroller) is explained in detail simultaneously with
a design example. Next the system operation is discussed
including how it works and how to design a desired system
resolution. Finally a flow chart for measuring and calibrating
the sensor’s output is presented.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com