Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 538 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 538 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 534Page - Motorola, Inc MPXM2202AS Datasheet HTML 535Page - Motorola, Inc MPXM2202AS Datasheet HTML 536Page - Motorola, Inc MPXM2202AS Datasheet HTML 537Page - Motorola, Inc MPXM2202AS Datasheet HTML 538Page - Motorola, Inc MPXM2202AS Datasheet HTML 539Page - Motorola, Inc MPXM2202AS Datasheet HTML 540Page - Motorola, Inc MPXM2202AS Datasheet HTML 541Page - Motorola, Inc MPXM2202AS Datasheet HTML 542Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 670 page
background image
AN1668
3–392
Motorola Sensor Device Data
www.motorola.com/semiconductors
AMPLIFIER SELECTION AND
AMPLIFIER INDUCED ERRORS
A differential amplifier is needed to convert the differential
output of the MPX2010 sensor to a high level ground–
referenced (single–ended). The classic three–op amp instru-
mentation amplifier can be used. However, it requires additional
components (3 op–amps and possibly a split power supply). An
instrumentation topology shown in Figure 1 requires only a
single supply and only 2 op–amps and 1% resistors.
Figure 1. MPX2010 Amplifier Circuit
VREF
+VCC
R+S2
R+S1
+
–
R1
R2
2
3
1
R3
+
–
R4
6
7
5
U1B
VOUT_FS
+VCC
4
3
X1
12
S+
PRESSURE SENSOR
S
*
U1A
The circuit uses a voltage divider R+S1 and R+S2 to provide
the reference (level shift), U1A and U1B are non–inverting
amplifiers arranged in a differential configuration with gain
resistors R1, R2, R3 and R4. Note that U1B is the main gain
stage and it has the most gain. It is recommended to place a
0.015
µF capacitor in it’s feedback loop (in parallel with R4) to
reduce noise. The amplifier output can be characterized with
the equation below:
(4)
Gain
+ R4
R3
) 1
(5)
Voffset
+ VREF R2·R1
R1·R3
* VSCM R2·R4
R1·R3
* 1
(6)
Vout
+ (S)* S*) Gain ) Voffset
(7)
where (S
)* S*) + Sensor differential output
) Sensor offset
Equation 4 is the differential gain of the amplifier and
equation 5 is the resulting offset voltage of the amplifier.
The above equations assume that the amplifier is close to
ideal (high AOL , low input offset voltage and low input offset
bias currents). Since an ideal op–amp is hard to come by, the
customer should select an op–amp based on cost and perfor-
mance. Below are some points to keep in mind when selecting
an op–amp and designing the amplifier circuit.
Note that the ratio R2*R4/R1*R3 controls the system offset
as well as the common mode error of the amplifier. Mis-
matches in these resistors will result in an offset and common
mode error which appear as offset. It is therefore recom-
mended to use 1% metal film resistors to reduce these errors.
Also, Vref source impedance should be minimized in compari-
son with R1 in order to reduce common mode error.
Amplifier input offset and input bias currents can induce
errors. For example, an input offset (Vio) of the amplifier can
become significant when the closed–loop gain of the amplifier
is increased. Furthermore, there is also a temperature coeffi-
cient of the input voltage offset which contribute an additional
error across temperature. If the input bias current of the ampli-
fier is not taken into account in the design, it can also become
a source of error. A technique to reduce this error is to match
the impedance the source impedance of what the op–amp
input pins sees.
It is important to note that high performance op–amps are
more expensive. An MC33272 op–amp has a low input offset
and low input bias current which is suitable for the two–op amp
amplifier design. We can see that there is a tradeoff between
accuracy and cost when designing a solution with the
MPX2010.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com