Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 573 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 573 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 569Page - Motorola, Inc MPXM2202AS Datasheet HTML 570Page - Motorola, Inc MPXM2202AS Datasheet HTML 571Page - Motorola, Inc MPXM2202AS Datasheet HTML 572Page - Motorola, Inc MPXM2202AS Datasheet HTML 573Page - Motorola, Inc MPXM2202AS Datasheet HTML 574Page - Motorola, Inc MPXM2202AS Datasheet HTML 575Page - Motorola, Inc MPXM2202AS Datasheet HTML 576Page - Motorola, Inc MPXM2202AS Datasheet HTML 577Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 573 / 670 page
background image
3–427
Motorola Sensor Device Data
www.motorola.com/semiconductors
PACKAGE OUTLINE DIMENSIONS (continued)
CASE 482–01
ISSUE O
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
10.54
0.425
0.415
10.79
B
10.54
0.425
0.415
10.79
C
5.38
0.230
0.212
5.84
D
0.96
0.042
0.038
1.07
G
0.100 BSC
2.54 BSC
H
0.002
0.010
0.05
0.25
J
0.009
0.011
0.23
0.28
K
0.061
0.071
1.55
1.80
M
0
7
0
7
N
0.405
0.415
10.29
10.54
S
0.709
0.725
18.01
18.41
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006).
5. ALL VERTICAL SURFACES 5
_ TYPICAL DRAFT.
__
__
S
D
G
8 PL
4
5
8
1
N
S
B
M
0.25 (0.010)
A S
T
–A–
–B–
C
M
J
K
PIN 1 IDENTIFIER
H
SEATING
PLANE
–T–
CASE 482A–01
ISSUE A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
10.54
0.425
0.415
10.79
B
10.54
0.425
0.415
10.79
C
12.70
0.520
0.500
13.21
D
0.96
0.042
0.038
1.07
G
0.100 BSC
2.54 BSC
H
0.002
0.010
0.05
0.25
J
0.009
0.011
0.23
0.28
K
0.061
0.071
1.55
1.80
M
0
7
0
7
N
0.444
0.448
11.28
11.38
S
0.709
0.725
18.01
18.41
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006).
5. ALL VERTICAL SURFACES 5
_ TYPICAL DRAFT.
__
__
S
D
G
8 PL
4
5
8
1
S
B
M
0.25 (0.010)
A S
T
–A–
–B–
C
M
J
K
PIN 1 IDENTIFIER
H
SEATING
PLANE
–T–
N
V
W
V
0.245
0.255
6.22
6.48
W
0.115
0.125
2.92
3.17
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com