Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 598 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 598 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 594Page - Motorola, Inc MPXM2202AS Datasheet HTML 595Page - Motorola, Inc MPXM2202AS Datasheet HTML 596Page - Motorola, Inc MPXM2202AS Datasheet HTML 597Page - Motorola, Inc MPXM2202AS Datasheet HTML 598Page - Motorola, Inc MPXM2202AS Datasheet HTML 599Page - Motorola, Inc MPXM2202AS Datasheet HTML 600Page - Motorola, Inc MPXM2202AS Datasheet HTML 601Page - Motorola, Inc MPXM2202AS Datasheet HTML 602Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 598 / 670 page
background image
MC14467-1
4–6
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 2. Typical LED Output
I–V Characteristic
Figure 3. Typical Comparator Output
I–V Characteristic
Figure 4. Typical P Horn Driver Output
I–V Characteristic
0
1
234
5
6
7
8
9
10
0.1
1.0
10.0
100.0
TA = 25°C
VDS, DRAIN TO SOURCE VOLTAGE (Vdc)
VDD = 7.2 Vdc
VDD = 9.0 Vdc
0
1
2
3
4
5
678
9
10
1.0
10.0
100.0
1000.0
TA = 25°C
VDS, DRAIN TO SOURCE VOLTAGE (Vdc)
P–CH SOURCE CURRENT
VDD = 7.2 Vdc
VDD = 9.0 Vdc
0
1
2
3
4
5
678
9
10
1.0
10.0
100.0
1000.0
TA = 25°C
VDS, DRAIN TO SOURCE VOLTAGE (Vdc)
N–CH SINK CURRENT
VDD = 7.2 Vdc
VDD = 9.0 Vdc
012
3
4
5
6
7
8
9
10
0.01
0.1
1.0
10.0
TA = 25°C
VDS, DRAIN TO SOURCE VOLTAGE (Vdc)
P–CH SOURCE
AND N–CH
SINK CURRENT
VDD = 9.0 Vdc or 7.2 Vdc
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com