Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 613 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 613 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 609Page - Motorola, Inc MPXM2202AS Datasheet HTML 610Page - Motorola, Inc MPXM2202AS Datasheet HTML 611Page - Motorola, Inc MPXM2202AS Datasheet HTML 612Page - Motorola, Inc MPXM2202AS Datasheet HTML 613Page - Motorola, Inc MPXM2202AS Datasheet HTML 614Page - Motorola, Inc MPXM2202AS Datasheet HTML 615Page - Motorola, Inc MPXM2202AS Datasheet HTML 616Page - Motorola, Inc MPXM2202AS Datasheet HTML 617Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 613 / 670 page
background image
MC14600
4–21
Motorola Sensor Device Data
www.motorola.com/semiconductors
TIMING PARAMETERS (Cosc = 0.1
µF, Rbias = 8.2 MΩ, VDD = 9.0 V, TA = 25°C, See Figure 2)
Characteristics
Pin #
Symbol
Min
Max
Units
Oscillator Period (1 Clock Cycle = 1 Oscillator Period)
No Alarm
Alarm
12
tCI
—
1.25
30
2.25
52
s
ms
Oscillator Pulse Width (No Alarm and Alarm Condition)
3,4,5,13
tr
7.0
13
ms
LED Output Period
No Alarm
Alarm
5
tLED
—
30
.71
52
1.25
s
ms
Alarm Horn Output
Hi Time
Low Time
10,11
ton
toff
120
60
208
104
ms
ms
Low Battery Horn Output
Hi Time
Between Pulses
10,11
ton
toff
7.0
30
13
52
ms
s
Figure 1. Block Diagram
11
10
8
HORN FEEDBACK
HORN
OUT 2
HORN
OUT 1
ALARM
LOGIC
OSC
AND
TIMING
5
LED
VDD = PIN 6
VSS = PIN 9
7
VDD
+
–
LOW BATTERY
COMPARATOR
VDD
LOW V COMP.
OUT
4
VDD
3
LOW V SET
1
DETECT
COMPARATOR OUT
+
–
13
DETECT
COMPARATOR
ALARM
THRESHOLD
15
ALARM DETECT
INPUT
+
–
VDD
HI–Z
16
GUARD
AMP
12
Cosc
Rbias
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com