Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 651 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 651 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 647Page - Motorola, Inc MPXM2202AS Datasheet HTML 648Page - Motorola, Inc MPXM2202AS Datasheet HTML 649Page - Motorola, Inc MPXM2202AS Datasheet HTML 650Page - Motorola, Inc MPXM2202AS Datasheet HTML 651Page - Motorola, Inc MPXM2202AS Datasheet HTML 652Page - Motorola, Inc MPXM2202AS Datasheet HTML 653Page - Motorola, Inc MPXM2202AS Datasheet HTML 654Page - Motorola, Inc MPXM2202AS Datasheet HTML 655Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 651 / 670 page
background image
MC145017
4–59
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 6. MC145017 Timing Diagram
OSC
PIN 12
SMOKE – N
– Y
LOW BAT – Y
– N
HYST
PIN 13
HORN – ON
– OFF
LED – OFF
– ON
23
4
5
6
7
9
8
NO SMOKE, LOW BATTERY
1
NO SMK
NO LOW BAT
LOW BATTERY CHIRP
&
OSC
PIN 12
SMOKE – N
– Y
NO SMK
23
24 1
6
12
18
24
SMOKE
LATCH ALARM CONDITION
%([100 mV LEVEL SHIFT)
NFPA MOD
&
LOW BAT – Y
– N
HORN – ON
– OFF
LED – OFF
– ON
(NOTE 1)
24 CLOCKS
24 CLOCKS
NOTES:
1. Horn modulation is self–completing. When going from smoke to no smoke, the alarm condition will terminate only when horn is off.
2. Comparators are strobed once per cycle (1.65 sec for no smoke, 40 msec for smoke).
Figure 7. Horn Modulation
NFPA72: TEMPORAL HORN
MODULATION PATTERN
TRADITIONAL 4/6 HORN
MODULATION PATTERN
0.5 SEC
0.5 SEC
0.5 SEC
0.5 SEC
0.5 SEC
1.5 SEC
167 msec
83 msec
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com