Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 658 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 658 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 654Page - Motorola, Inc MPXM2202AS Datasheet HTML 655Page - Motorola, Inc MPXM2202AS Datasheet HTML 656Page - Motorola, Inc MPXM2202AS Datasheet HTML 657Page - Motorola, Inc MPXM2202AS Datasheet HTML 658Page - Motorola, Inc MPXM2202AS Datasheet HTML 659Page - Motorola, Inc MPXM2202AS Datasheet HTML 660Page - Motorola, Inc MPXM2202AS Datasheet HTML 661Page - Motorola, Inc MPXM2202AS Datasheet HTML 662Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 658 / 670 page
background image
4–66
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1690
Alarm IC General Applications Overview
Prepared by: Leticia Gomez and Diana Pelletier
Sensor Applications Engineering
Motorola Semiconductor Products Sector
Phoenix, Arizona
INTRODUCTION
The MC14600, an IC designed for alarm applications, is a
versatile part that can easily be configured with a minimum
number of external components to serve a wide range of alarm
applications and circuit configurations. For example, the
MC14600 can be used in systems that detect pressure and
temperature change, liquid levels, motion or intrusion. This
application note presents considerations in interfacing exter-
nal components to the MC14600 and an approach for config-
uring it with a latch.
The MC14600 Alarm IC can be simply described as a
comparator that determines whether an alarm condition exists
and in response drives a piezo horn. As illustrated in Figure 1
the MC14600 is more than a comparator and a horn driver. It
drives an LED to indicate the device is working and has inter-
nal low battery detection circuitry. In the event of a low battery
the MC14600 provides the signal to chirp the piezo horn. It
also has a logical output that can be used to drive other out-
puts such as an LED. The MC14600 alarm threshold and
oscillator speed are set externally providing system design
flexibility. Figure 2 is a detailed block diagram of the MC14600
that includes the pin numbers referenced in this document.
Figure 1. Alarm IC Concept
INPUT
+
–
ALARM THRESHOLD
LOW BATTERY
DETECTION
LOGICAL OUTPUT
PIEZO HORN
LED
Figure 2. MC14600 Block Diagram
11
10
8
HORN FEEDBACK
HORN
OUT 2
HORN
OUT 1
ALARM
LOGIC
OSC
AND
TIMING
5
LED
VDD = PIN 6
VSS = PIN 9
7
VDD
+
–
LOW BATTERY
COMPARATOR
VDD
LOW V COMP.
OUT
4
VDD
3
LOW V SET
1
DETECT
COMPARATOR OUT
+
–
13
DETECT
COMPARATOR
ALARM
THRESHOLD
15
ALARM DETECT
INPUT
+
–
VDD
HI–Z
16
GUARD
AMP
12
Cosc
Rbias
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com