Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 161 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 161 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 157Page - Motorola, Inc MPXM2202AS Datasheet HTML 158Page - Motorola, Inc MPXM2202AS Datasheet HTML 159Page - Motorola, Inc MPXM2202AS Datasheet HTML 160Page - Motorola, Inc MPXM2202AS Datasheet HTML 161Page - Motorola, Inc MPXM2202AS Datasheet HTML 162Page - Motorola, Inc MPXM2202AS Datasheet HTML 163Page - Motorola, Inc MPXM2202AS Datasheet HTML 164Page - Motorola, Inc MPXM2202AS Datasheet HTML 165Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 670 page
background image
3–15
Motorola Sensor Device Data
www.motorola.com/semiconductors
10 kPa Uncompensated
Silicon Pressure Sensors
The MPX10 and MPXV10GC series devices are silicon piezoresistive pressure sensors
providing a very accurate and linear voltage output — directly proportional to the applied
pressure. These standard, low cost, uncompensated sensors permit manufacturers to
design and add their own external temperature compensation and signal conditioning
networks. Compensation techniques are simplified because of the predictability of
Motorola’s single element strain gauge design. Figure 1 shows a schematic of the internal
circuitry on the stand–alone pressure sensor chip.
Features
• Low Cost
• Patented Silicon Shear Stress Strain Gauge Design
• Ratiometric to Supply Voltage
• Easy to Use Chip Carrier Package Options
• Differential and Gauge Options
• Durable Epoxy Unibody Element or Thermoplastic
(PPS) Surface Mount Package
Application Examples
• Air Movement Control
• Environmental Control Systems
• Level Indicators
• Leak Detection
• Medical Instrumentation
• Industrial Controls
• Pneumatic Control Systems
• Robotics
Figure 1. Uncompensated Pressure
Sensor Schematic
3
SENSING
ELEMENT
2
4
+ Vout
– Vout
+ VS
1
GND
VOLTAGE OUTPUT versus APPLIED DIFFERENTIAL PRESSURE
The output voltage of the differential or gauge sensor increases with increasing pressure
applied to the pressure side (P1) relative to the vacuum side (P2). Similarly, output voltage
increases as increasing vacuum is applied to the vacuum side (P2) relative to the pressure
side (P1).
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX10
MPXV10GC
SERIES
0 to 10 kPa (0 – 1.45 psi)
35 mV FULL SCALE SPAN
(TYPICAL)
NOTE: Pin 1 is noted by the notch in
the lead.
PIN NUMBER
MPX10D
CASE 344
MPX10DP
CASE 344C
1
2
Gnd
+Vout
3
4
VS
–Vout
UNIBODY PACKAGE
SMALL OUTLINE PACKAGE
MPXV10GC6U
CASE 482A
MPXV10GC7U
CASE 482C
PIN NUMBER
1
2
3
Gnd
+Vout
Vs
5
6
7
N/C
N/C
N/C
4–Vout
8
N/C
NOTE: Pin 1 is noted by the notch in
the lead.
REV 10
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com