Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 166 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 166 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 162Page - Motorola, Inc MPXM2202AS Datasheet HTML 163Page - Motorola, Inc MPXM2202AS Datasheet HTML 164Page - Motorola, Inc MPXM2202AS Datasheet HTML 165Page - Motorola, Inc MPXM2202AS Datasheet HTML 166Page - Motorola, Inc MPXM2202AS Datasheet HTML 167Page - Motorola, Inc MPXM2202AS Datasheet HTML 168Page - Motorola, Inc MPXM2202AS Datasheet HTML 169Page - Motorola, Inc MPXM2202AS Datasheet HTML 170Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 670 page
background image
MPX12 SERIES
3–20
Motorola Sensor Device Data
www.motorola.com/semiconductors
MAXIMUM RATINGS(NOTE)
Rating
Symbol
Value
Unit
Maximum Pressure (P1 > P2)
Pmax
75
kPa
Burst Pressure (P1 > P2)
Pburst
100
kPa
Storage Temperature
Tstg
– 40 to +125
°C
Operating Temperature
TA
– 40 to +125
°C
NOTE: Exposure beyond the specified limits may cause permanent damage or degradation to the device.
OPERATING CHARACTERISTICS (VS = 3.0 Vdc, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Unit
Differential Pressure Range(1)
POP
0
—
10
kPa
Supply Voltage(2)
VS
—
3.0
6.0
Vdc
Supply Current
Io
—
6.0
—
mAdc
Full Scale Span(3)
VFSS
45
55
70
mV
Offset(4)
Voff
0
20
35
mV
Sensitivity
∆V/∆P
—
5.5
—
mV/kPa
Linearity(5)
—
–0.5
—
5.0
%VFSS
Pressure Hysteresis(5) (0 to 10 kPa)
—
—
± 0.1
—
%VFSS
Temperature Hysteresis(5) (– 40
°C to +125°C)
—
—
± 0.5
—
%VFSS
Temperature Coefficient of Full Scale Span(5)
TCVFSS
– 0.22
—
– 0.16
%VFSS/°C
Temperature Coefficient of Offset(5)
TCVoff
—
±15
—
µV/°C
Temperature Coefficient of Resistance(5)
TCR
0.28
—
0.34
%Zin/°C
Input Impedance
Zin
400
—
550
Ω
Output Impedance
Zout
750
—
1250
Ω
Response Time(6) (10% to 90%)
tR
—
1.0
—
ms
Warm–Up Time(7)
—
—
20
—
ms
Offset Stability(8)
—
—
±0.5
—
%VFSS
NOTES:
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional
error due to device self–heating.
3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
4. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
5. Accuracy (error budget) consists of the following:
• Linearity:
Output deviation from a straight line relationship with pressure, using end point method, over the specified
pressure range.
• Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is
cycled to and from the minimum or maximum operating temperature points, with zero differential pressure
applied.
• Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from the
minimum or maximum rated pressure, at 25
°C.
• TcSpan:
Output deviation at full rated pressure over the temperature range of 0 to 85
°C, relative to 25°C.
• TcOffset:
Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85
°C, relative
to 25
°C.
• TCR:
Zin deviation with minimum rated pressure applied, over the temperature range of – 40°C to +125°C,
relative to 25
°C.
6. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to
a specified step change in pressure.
7. Warm–up Time is defined as the time required for the product to meet the specified output voltage after the pressure has been stabilized.
8. Offset Stability is the product’s output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com