Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 249 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 249 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 245Page - Motorola, Inc MPXM2202AS Datasheet HTML 246Page - Motorola, Inc MPXM2202AS Datasheet HTML 247Page - Motorola, Inc MPXM2202AS Datasheet HTML 248Page - Motorola, Inc MPXM2202AS Datasheet HTML 249Page - Motorola, Inc MPXM2202AS Datasheet HTML 250Page - Motorola, Inc MPXM2202AS Datasheet HTML 251Page - Motorola, Inc MPXM2202AS Datasheet HTML 252Page - Motorola, Inc MPXM2202AS Datasheet HTML 253Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 670 page
background image
3–103
Motorola Sensor Device Data
www.motorola.com/semiconductors
Integrated Silicon Pressure Sensor
On-ChipSignal Conditioned,
Temperature Compensated
and Calibrated
The MPX5050/MPXV5050G series piezoresistive transducer is a state–of–the–art
monolithic silicon pressure sensor designed for a wide range of applications, but
particularly those employing a microcontroller or microprocessor with A/D inputs. This
patented, single element transducer combines advanced micromachining techniques,
thin–film metallization, and bipolar processing to provide an accurate, high level analog
output signal that is proportional to the applied pressure.
Features
• 2.5% Maximum Error over 0° to 85°C
• Ideally suited for Microprocessor or Microcontroller–Based Systems
• Temperature Compensated Over – 40° to +125
°C
• Patented Silicon Shear Stress Strain Gauge
• Durable Epoxy Unibody Element
• Easy–to–Use Chip Carrier Option
Figure 1. Fully Integrated Pressure Sensor
Schematic
VS
SENSING
ELEMENT
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
Vout
PINS 4, 5, AND 6 ARE NO CONNECTS FOR
UNIBODY DEVICE
PINS 1, 5, 6, 7, AND 8 ARE NO CONNECTS
FOR SMALL OUTLINE PACKAGE DEVICE
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX5050
MPXV5050G
SERIES
INTEGRATED
PRESSURE SENSOR
0 to 50 kPa (0 to 7.25 psi)
0.2 to 4.7 Volts Output
PIN NUMBER
NOTE: Pins 4, 5, and 6 are internal
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the lead.
MPX5050D
CASE 867
MPX5050DP
CASE 867C
1
2
3
Vout
Gnd
VS
4
5
6
N/C
N/C
N/C
MPX5050GP
CASE 867B
UNIBODY PACKAGE
SMALL OUTLINE PACKAGE
SURFACE MOUNT
MPXV5050DP
CASE 1351
MPXV5050GP
CASE 1369
PIN NUMBER
1
2
3
N/C
VS
Gnd
5
6
7
N/C
N/C
N/C
4Vout
8
N/C
NOTE: Pins 1, 5, 6, 7, and 8 are
internal device connections. Do not
connect to external circuitry or
ground. Pin 1 is noted by the notch
in the lead.
Motorola Preferred Device
REV 6
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com