Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 264 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 264 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 260Page - Motorola, Inc MPXM2202AS Datasheet HTML 261Page - Motorola, Inc MPXM2202AS Datasheet HTML 262Page - Motorola, Inc MPXM2202AS Datasheet HTML 263Page - Motorola, Inc MPXM2202AS Datasheet HTML 264Page - Motorola, Inc MPXM2202AS Datasheet HTML 265Page - Motorola, Inc MPXM2202AS Datasheet HTML 266Page - Motorola, Inc MPXM2202AS Datasheet HTML 267Page - Motorola, Inc MPXM2202AS Datasheet HTML 268Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 670 page
background image
3–118
Motorola Sensor Device Data
www.motorola.com/semiconductors
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The MPX5500 series piezoresistive transducer is a state–of–the–art monolithic silicon
pressure sensor designed for a wide range of applications, but particularly those
employing a microcontroller or microprocessor with A/D inputs. This patented, single
element transducer combines advanced micromachining techniques, thin–film metalliza-
tion, and bipolar processing to provide an accurate, high level analog output signal that
is proportional to the applied pressure.
Features
• 2.5% Maximum Error over 0° to 85°C
• Ideally suited for Microprocessor or Microcontroller–Based Systems
• Patented Silicon Shear Stress Strain Gauge
• Durable Epoxy Unibody Element
• Available in Differential and Gauge Configurations
VS
SENSING
ELEMENT
Vout
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 4, 5 AND 6 ARE NO CONNECTS
Figure 1. Fully Integrated Pressure Sensor Schematic
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX5500
SERIES
INTEGRATED
PRESSURE SENSOR
0 to 500 kPa (0 to 72.5 psi)
0.2 to 4.7 Volts Output
PIN NUMBER
NOTE: Pins 4, 5, and 6 are internal
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the lead.
MPX5500D
CASE 867
MPX5500DP
CASE 867C
1
2
3
Vout
Gnd
VS
4
5
6
N/C
N/C
N/C
REV 5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com