Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE1 Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST7LITE1
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE1 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST7LITE1 Datasheet HTML 123Page - STMicroelectronics ST7LITE1 Datasheet HTML 124Page - STMicroelectronics ST7LITE1 Datasheet HTML 125Page - STMicroelectronics ST7LITE1 Datasheet HTML 126Page - STMicroelectronics ST7LITE1 Datasheet HTML 127Page - STMicroelectronics ST7LITE1 Datasheet HTML 128Page - STMicroelectronics ST7LITE1 Datasheet HTML 129Page - STMicroelectronics ST7LITE1 Datasheet HTML 130Page - STMicroelectronics ST7LITE1 Datasheet HTML 131Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 129 / 131 page
background image
ST7LITE1
129/131
17 REVISION HISTORY
Table 27. Revision History
Date
Revision
Description of Changes
July 03
1.3
Changed section 3 on page 9 and Figure 3
Added note on RC oscillator in section 7 on page 23 (main features) and changed section
7.1 on page 23: removed reference to ST7LITE10 in RCCR table
Changed Figure 12 on page 25 (CLKIN/2, OSC/2)
Added note in section 7.4 on page 26 (external clock source paragraph)
Changed section 13.3.1 on page 93: fCLKIN instead of fOSC
Added note in the description of OSC option bit and in Table 23 on page 122
Dec-2004
2.0
Revision number incremented from 1.3 to 2.0 due to Internal Document Management Sys-
tem change
Modified Caution to pin n°12 (SO20) or pin n°7 (DIP20) and added caution to PB0 and PB1
in Table 1 on page 7
Changed Caution in section 4.4 on page 13
Removed “optional” referring to VDD in Figure 4 on page 13
In section 4.5.1 on page 14: Changed 1st sentence and Clarification of Flash read-out pro-
tection
Replaced CRSR register by SICSR register in section 7.6.3 on page 32
Added note in section 7.6.1 on page 29
Reset delay in section 11.1.3 on page 51 changed to 30µs
MOD00 replaced by 0Ex in Figure 36 on page 57
Added Note 2 related to Exit from Active Halt, section 11.2.5 on page 59
Changed “Output Compare Mode” on page 57 and note 1 in section 11.2.6 on page 60
Replaced FFh by FFFh in the description of OVF bit in section 11.2.6 on page 60
Removed sentence relating to an effective change only after overflow for CK[1:0], page 60
Replaced ICAP1 pin by LTIC Pin in section 11.3.3.3 on page 66
Changed section 11.4.2 on page 70
Changed section 11.4.3.3 on page 73
Changed “An interrupt is generated if SPIE = 1 in the SPICSR register” to “An interrupt is
generated if SPIE = 1 in the SPICR register” in description of OVR and MODF bits in section
11.4.8 on page 78
Added illegal opcode detection to page 1, section 7.6 on page 29, section 12 on page 85
Removed references to “-40°C to +125°C” temperature range in section 13 on page 91
Altered note 1 for section 13.2.3 on page 92 removing references to RESET
Changed note 2 in section 13.2.1 on page 92
Added one row in section 13.2.2 on page 92 (PB0 and PB1)
Changed section 13.3 on page 93
fPLL value of 1MHz quoted as Typical instead of a Minimum in section 13.3.4.1 on page 95
In section 13.4.1 on page 99: Added note 5 and corrected fCPU in SLOW and SLOW WAIT
modes
Added data for Fcpu @ 1MHz into Section 13.4.1 Supply Current table.
Updated Figure 61. Typical IDD in WAIT vs. fCPU with correct data
Added VDD row in section 13.6.3 on page 102
Changed section 13.7 on page 103
Added caution to Figure 65 on page 105
Added VIL min value and VIH max value in section 13.8.1 on page 105 and in section 13.9.1
on page 110
Modified “Asynchronous RESET Pin” on page 110 (Figure 82 and Figure 83)
Updated fSCK in section 13.10.1 on page 112 to fCPU/4 and fCPU/2
Updated ADC accuracy table values on page 115
Changed values in ADC Characteristics table on page 117
Added note 4 and description relating to Total Percentage in Error and Amplifier Output Off-
set Variation to the ADC Characteristics subsection and table, page 117
Added note 5 and description relating to Offset Variation in Temperature to ADC Character-
istics subsection and table, page 117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com