Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0-0B066PA006SB-M992F09 Datasheet(PDF) 2 Page - Vincotech

Part # 0-0B066PA006SB-M992F09
Description  Open emitter topology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

0-0B066PA006SB-M992F09 Datasheet(HTML) 2 Page - Vincotech

  0-0B066PA006SB-M992F09 Datasheet HTML 1Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 2Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 3Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 4Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 5Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 6Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 7Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 8Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
10-0B066PA006SB-M992F09
datasheet
23 Jun. 2017 / Revision 3
2
Copyright Vincotech
Maximum Ratings
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Condition
Value
Unit
Inverter Diode
Peak repetitive reverse voltage
VRRM
600
V
Continuous (direct) forward current
IF
Tj = Tjmax
Ts = 80 °C
8
A
Repetitive peak forward current
IFRM
12
A
Total power dissipation
Ptot
Tj = Tjmax
Ts = 80 °C
23
W
Maximum junction temperature
Tjmax
175
°C
Module Properties
Thermal Properties
Storage temperature
Tstg
-40…+125
°C
Operation temperature under switching condition
Tjop
-40…(Tjmax - 25)
°C
Isolation Properties
Isolation voltage
Visol
DC Test Voltage
tp = 2 s
4000
V
Creepage distance
min. 12,7
mm
Clearance
min. 12,7
mm
Comparative Tracking Index
CTI
> 200


Similar Part No. - 0-0B066PA006SB-M992F09

ManufacturerPart #DatasheetDescription
logo
Vincotech
0-0B06PRA004RC-L022C09 VINCOTECH-0-0B06PRA004RC-L022C09 Datasheet
1Mb / 17P
   IGBT in TRENCHSTOP RC technology
More results

Similar Description - 0-0B066PA006SB-M992F09

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-0B066PA030SB-M996F09 VINCOTECH-10-0B066PA030SB-M996F09 Datasheet
1Mb / 17P
   Open emitter topology
20-1B12IPA015SC-L579F09 VINCOTECH-20-1B12IPA015SC-L579F09 Datasheet
1Mb / 11P
   Open Emitter or Emitter Shunt
20-1B12IPA008SC-L239C09 VINCOTECH-20-1B12IPA008SC-L239C09 Datasheet
752Kb / 9P
   Open Emitter or Emitter Shunt
30-F212PMA075M701-L889A70 VINCOTECH-30-F212PMA075M701-L889A70 Datasheet
417Kb / 9P
   Open emitter configuration
logo
International Rectifier
IRAM136-1060A IRF-IRAM136-1060A Datasheet
259Kb / 17P
   10A, 600Vwith Open Emitter Pins
IRAM136-0760A2 IRF-IRAM136-0760A2 Datasheet
258Kb / 17P
   5A, 600V with Open Emitter Pins
IRAMX20UP60A IRF-IRAMX20UP60A Datasheet
240Kb / 17P
   20A, 600V with open Emitter Pins
logo
Fairchild Semiconductor
7004 FAIRCHILD-7004 Datasheet
85Kb / 12P
   Power Converter Topology
logo
Vincotech
10-FY07HVA075S5-L985F08 VINCOTECH-10-FY07HVA075S5-L985F08 Datasheet
308Kb / 7P
   Innovative H6.5 topology
70-W624N3A1K2SC-L400FP VINCOTECH-70-W624N3A1K2SC-L400FP Datasheet
1Mb / 28P
   2400V NPC-topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com