Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0-0B066PA006SB-M992F09 Datasheet(PDF) 5 Page - Vincotech

Part # 0-0B066PA006SB-M992F09
Description  Open emitter topology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

0-0B066PA006SB-M992F09 Datasheet(HTML) 5 Page - Vincotech

  0-0B066PA006SB-M992F09 Datasheet HTML 1Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 2Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 3Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 4Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 5Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 6Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 7Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 8Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
10-0B066PA006SB-M992F09
datasheet
23 Jun. 2017 / Revision 3
5
Copyright Vincotech
Inverter Switch Characteristics
figure 1.
IGBT
figure 2.
IGBT
Typical output characteristics
Typical out put charact eristics
I C = f(V CE)
I C = f(V CE)
t p =
250
μs
25
°C
t p =
250
μs
V GE =
15
V
125 °C
T j =
125
°C
V GE from
7 V to 17 V in steps of 1 V
figure 3.
IGBT
figure 4.
IGBT
Typical transf er charact erist ics
Transient t hermal impedance as f unction of pulse duration
I C = f(V GE)
Z th(j-s) = f(t p)
t p =
100
μs
25
°C
D =
t p / T
V CE =
10
V
125 °C
R th(j-s) =
3,50
K/W
R (K/W)
τ (s)
1,46E-01
3,65E+00
5,40E-01
3,03E-01
1,16E+00
7,07E-02
7,43E-01
1,16E-02
4,93E-01
2,32E-03
4,22E-01
3,00E-04
T j:
T j:
IGBT thermal model values
0
1
2
3
4
5
6
0
2
4
6
8
10
12
V
V
V
V GE
G E
G E
G E (V)
(V)
(V)
(V)
0
3
6
9
12
15
18
0
1
2
3
4
5
V
V
V
VC E
C E
C E
C E (V)
0
3
6
9
12
15
18
0
1
2
3
4
5
V
V
V
V C E
C E
C E
C E (V)
7 V
8 V
9 V
10 V
11 V
12 V
13 V
14 V
15 V
16 V
17 V
VGE :
0,5
0,2
0,1
0,05
0,02
0,01
0,005
0
ttttpppp(s)
10-5
10-4
10-3
10-2
10-1
100
101
10-1
100
101


Similar Part No. - 0-0B066PA006SB-M992F09

ManufacturerPart #DatasheetDescription
logo
Vincotech
0-0B06PRA004RC-L022C09 VINCOTECH-0-0B06PRA004RC-L022C09 Datasheet
1Mb / 17P
   IGBT in TRENCHSTOP RC technology
More results

Similar Description - 0-0B066PA006SB-M992F09

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-0B066PA030SB-M996F09 VINCOTECH-10-0B066PA030SB-M996F09 Datasheet
1Mb / 17P
   Open emitter topology
20-1B12IPA015SC-L579F09 VINCOTECH-20-1B12IPA015SC-L579F09 Datasheet
1Mb / 11P
   Open Emitter or Emitter Shunt
20-1B12IPA008SC-L239C09 VINCOTECH-20-1B12IPA008SC-L239C09 Datasheet
752Kb / 9P
   Open Emitter or Emitter Shunt
30-F212PMA075M701-L889A70 VINCOTECH-30-F212PMA075M701-L889A70 Datasheet
417Kb / 9P
   Open emitter configuration
logo
International Rectifier
IRAM136-1060A IRF-IRAM136-1060A Datasheet
259Kb / 17P
   10A, 600Vwith Open Emitter Pins
IRAM136-0760A2 IRF-IRAM136-0760A2 Datasheet
258Kb / 17P
   5A, 600V with Open Emitter Pins
IRAMX20UP60A IRF-IRAMX20UP60A Datasheet
240Kb / 17P
   20A, 600V with open Emitter Pins
logo
Fairchild Semiconductor
7004 FAIRCHILD-7004 Datasheet
85Kb / 12P
   Power Converter Topology
logo
Vincotech
10-FY07HVA075S5-L985F08 VINCOTECH-10-FY07HVA075S5-L985F08 Datasheet
308Kb / 7P
   Innovative H6.5 topology
70-W624N3A1K2SC-L400FP VINCOTECH-70-W624N3A1K2SC-L400FP Datasheet
1Mb / 28P
   2400V NPC-topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com