Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0-0B066PA006SB-M992F09 Datasheet(PDF) 1 Page - Vincotech

Part # 0-0B066PA006SB-M992F09
Description  Open emitter topology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

0-0B066PA006SB-M992F09 Datasheet(HTML) 1 Page - Vincotech

  0-0B066PA006SB-M992F09 Datasheet HTML 1Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 2Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 3Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 4Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 5Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 6Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 7Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 8Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
10-0B066PA006SB-M992F09
datasheet
23 Jun. 2017 / Revision 3
1
Copyright Vincotech
Maximum Ratings
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Condition
Value
Unit
flow PACK 0 B
600 V / 6 A
● IGBT3 (600V) technology
● Open emitter topology
● New ultra-compact housing
● Single-screw heat sink mounting
● Dedicated design for motor drive
● 10-0B066PA006SB-M992F09
flow 0 B housing
Schematic
Features
Target applications
Types
Inverter Switch
Collector-emitter voltage
VCES
600
V
Collector current
IC
Tj = Tjmax
Ts = 80 °C
8
A
Repetitive peak collector current
ICRM
tp limited by Tjmax
18
A
Total power dissipation
Ptot
Tj = Tjmax
Ts = 80 °C
27
W
Gate-emitter voltage
VGES
±20
V
Short circuit ratings
tSC
Tj ≤ 150 °C
6
µs
VCC
VGE = 15 V
360
V
Maximum junction temperature
Tjmax
175
°C


Similar Part No. - 0-0B066PA006SB-M992F09

ManufacturerPart #DatasheetDescription
logo
Vincotech
0-0B06PRA004RC-L022C09 VINCOTECH-0-0B06PRA004RC-L022C09 Datasheet
1Mb / 17P
   IGBT in TRENCHSTOP RC technology
More results

Similar Description - 0-0B066PA006SB-M992F09

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-0B066PA030SB-M996F09 VINCOTECH-10-0B066PA030SB-M996F09 Datasheet
1Mb / 17P
   Open emitter topology
20-1B12IPA015SC-L579F09 VINCOTECH-20-1B12IPA015SC-L579F09 Datasheet
1Mb / 11P
   Open Emitter or Emitter Shunt
20-1B12IPA008SC-L239C09 VINCOTECH-20-1B12IPA008SC-L239C09 Datasheet
752Kb / 9P
   Open Emitter or Emitter Shunt
30-F212PMA075M701-L889A70 VINCOTECH-30-F212PMA075M701-L889A70 Datasheet
417Kb / 9P
   Open emitter configuration
logo
International Rectifier
IRAM136-1060A IRF-IRAM136-1060A Datasheet
259Kb / 17P
   10A, 600Vwith Open Emitter Pins
IRAM136-0760A2 IRF-IRAM136-0760A2 Datasheet
258Kb / 17P
   5A, 600V with Open Emitter Pins
IRAMX20UP60A IRF-IRAMX20UP60A Datasheet
240Kb / 17P
   20A, 600V with open Emitter Pins
logo
Fairchild Semiconductor
7004 FAIRCHILD-7004 Datasheet
85Kb / 12P
   Power Converter Topology
logo
Vincotech
10-FY07HVA075S5-L985F08 VINCOTECH-10-FY07HVA075S5-L985F08 Datasheet
308Kb / 7P
   Innovative H6.5 topology
70-W624N3A1K2SC-L400FP VINCOTECH-70-W624N3A1K2SC-L400FP Datasheet
1Mb / 28P
   2400V NPC-topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com