Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR1Q6 Datasheet(PDF) 255 Page - STMicroelectronics

Part # ST92F120JR1Q6
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR1Q6 Datasheet(HTML) 255 Page - STMicroelectronics

Back Button ST92F120JR1Q6 Datasheet HTML 251Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 252Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 253Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 254Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 255Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 256Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 257Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 258Page - STMicroelectronics ST92F120JR1Q6 Datasheet HTML 259Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 324 page
background image
255/324
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
10.8.6.3 DMA Management in Reception Mode
The DMA in reception is performed when the
RDRF bit of the STATUS register is set (by hard-
ware). The RDRF bit is reset as soon as the DMA
cycle is finished.
To enable the DMA feature, the RXD_M bit of the
IMR register must be set (by software).
Each DMA request performs the transfer of a sin-
gle byte from the RXDATA register of the peripher-
al toward Register File or Memory Space (Figure
10).
Each DMA transfer consists of three operations
that are performed with minimum use of CPU time:
– A load from the JBLPD data register (RXDATA)
to a location of Register File/Memory addressed
through the DMA Address Register (or Register
pair);
– A post-increment of the DMA Address Register
(or Register pair);
– A post-decrement of the DMA transaction coun-
ter, which contains the number of transactions
that have still to be performed.
Note: When the REOBP pending bit is set (at the
end of the last DMA transfer), the reception DMA
enable bit (RXD_M) is automatically reset by hard-
ware. However, the DMA can be disabled by soft-
ware resetting the RXD_M bit.
Note: The DMA request acknowledge could de-
pend on the priority level stored in the PRLR regis-
ter.
Figure 118. DMA in Reception Mode
JBLPD peripheral
RXDATA
Register File
or
Memory space
Data received
Previous data
Current
Address
Pointer
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com