Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9Q7 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST92F120JR9Q7
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9Q7 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST92F120JR9Q7 Datasheet HTML 99Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 100Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 101Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 102Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 103Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 104Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 105Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 106Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 324 page
background image
103/324
ST92F120 - RESET AND CLOCK CONTROL UNIT (RCCU)
CLOCK CONTROL REGISTERS (Cont’d)
PLL CONFIGURATION REGISTER (PLLCONF)
R246 - Read/Write
Register Page: 55
Reset Value: xx00x111 (xxh)
Bits 5:4 = MX[1:0]:
PLL Multiplication Factor.
Refer to Table 21 for multiplier settings.
CAUTION: After these bits are modified, take care
that the PLL lock-in time has elapsed before set-
ting the CSU_CKSEL bit in the CLK_FLAG regis-
ter.
Bits 2:0 = DX[2:0]:
PLL output clock divider factor.
Refer to Table 22 for divider settings.
Table 21. PLL Multiplication Factors
Table 22. PLL Divider Factors
Figure 48. RCCU General Timing
70
-
-
MX1
MX0
-
DX2
DX1
DX0
MX1
MX0
CLOCK2 x
10
14
00
10
11
8
01
6
DX2
DX1
DX0
CK
0
0
0
PLL CLOCK/1
0
0
1
PLL CLOCK/2
0
1
0
PLL CLOCK/3
0
1
1
PLL CLOCK/4
1
0
0
PLL CLOCK/5
1
0
1
PLL CLOCK/6
1
1
0
PLL CLOCK/7
111
CLOCK2
(PLL OFF, Reset State)
PLL Multiplier
CLOCK2
INTCLK
Internal
Reset
Clock
PLL switched on by user
TRSPH
PLL Lock-in Time
Exit from RESET
PLL selected by user
Boot ROM execution
User program execution
Reset phase
Internal
Reset
RESET
< 4
µs
20
µs
VR02113B
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com