Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9Q7 Datasheet(PDF) 238 Page - STMicroelectronics

Part # ST92F120JR9Q7
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9Q7 Datasheet(HTML) 238 Page - STMicroelectronics

Back Button ST92F120JR9Q7 Datasheet HTML 234Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 235Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 236Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 237Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 238Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 239Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 240Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 241Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 242Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 324 page
background image
238/324
J1850 Byte Level Protocol Decoder (JBLPD)
10.8 J1850 Byte Level Protocol Decoder (JBLPD)
10.8.1 Introduction
The JBLPD is used to exchange data between the
ST9 microcontroller and an external J1850 trans-
ceiver I.C.
The JBLPD transmits a string of variable pulse
width (VPW) symbols to the transceiver. It also re-
ceives VPW encoded symbols from the transceiv-
er, decodes them and places the data in a register.
In-frame responses of type 0, 1, 2 and 3 are sup-
ported and the appropriate normalization bit is
generated automatically. The JBLPD filters out
any incoming messages which it does not care to
receive. It also includes a programmable external
loop delay.
The JBLPD uses two signals to communicate with
the transceiver:
– VPWI (input)
– VPWO (output)
10.8.2 Main Features
s
SAE J1850 compatible
s
Digital filter
s
In-Frame Responses of type 0, 1, 2, 3 supported
with automatic normalization bit
s
Programmable External Loop Delay
s
Diagnostic 4x time mode
s
Diagnostic Local Loopback mode
s
Wide
range
of MCU
internal
frequencies
allowed
s
Low
power
consumption
mode
(JBLPD
suspended)
s
Very low power consumption mode (JBLPD
disabled)
s
Don’t care message filter
s
Selectable VPWI input polarity
s
Selectable Normalization Bit symbol form
s
6 maskable interrupts
s
DMA transmission and reception with End Of
Block interrupts
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com