Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324LJ2T5 Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST72F324LJ2T5
Description  3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324LJ2T5 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST72F324LJ2T5 Datasheet HTML 115Page - STMicroelectronics ST72F324LJ2T5 Datasheet HTML 116Page - STMicroelectronics ST72F324LJ2T5 Datasheet HTML 117Page - STMicroelectronics ST72F324LJ2T5 Datasheet HTML 118Page - STMicroelectronics ST72F324LJ2T5 Datasheet HTML 119Page - STMicroelectronics ST72F324LJ2T5 Datasheet HTML 120Page - STMicroelectronics ST72F324LJ2T5 Datasheet HTML 121Page - STMicroelectronics ST72F324LJ2T5 Datasheet HTML 122Page - STMicroelectronics ST72F324LJ2T5 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 151 page
background image
ST72F324L, ST72324BL
119/151
CLOCK CHARACTERISTICS (Cont’d)
12.5.5 PLL Characteristics
Note:
1. Instantaneous PLL jitter is the absolute maximum deviation on a single clock period. Data characterized, not tested in
production.
Figure 63. PLL Clock Jitter vs. Application
Signal frequency1
PLL clock jitter may cause application errors if high
frequency signals are input or output by the appli-
cation (e.g. high speed serial I/O or sampling of
high frequency signals).
Using the PLL increases clock jitter, however this
is a periodic effect which is absorbed over several
CPU cycles. The lower the frequency of the appli-
cation signal, the less the impact.
Figure 63 shows the effect of jitter (with and with-
out PLL) on application signals in the range
125kHz to 2MHz. At frequencies of less than
125kHz, the jitter is negligible.
Note 1: Measurement conditions: fCPU = 4MHz, TA= 25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(PLL)
PLL Operating Range
2.85
3.6
V
fOSC
PLL input frequency range
2
4
MHz
∆ f
CPU/fCPU
Instantaneous PLL jitter 1)
fOSC = 4 MHz. (fCPU=8MHz.)
3.5
5.5
%
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2000
1000
500
250
125
Application Signal Frequency (KHz)
FLASH
DEVICES
ROM
DEVICES
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com