Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7-103872596-072 Datasheet(PDF) 1 Page - Virginia Panel Corporation

Part # 7-103872596-072
Description  Signal Patchcord, ITA, TriPaddle, 72", USB 2.0 Wire, to USB Type A Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPC [Virginia Panel Corporation]
Direct Link  http://www.vpc.com
Logo VPC - Virginia Panel Corporation

7-103872596-072 Datasheet(HTML) 1 Page - Virginia Panel Corporation

  7-103872596-072 Datasheet HTML 1Page - Virginia Panel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
4
3
2
1
 
D
D
C
C
B
B
A
A
 
4
3
2
1
 
DRAWING NOT TO SCALE
FOR REFERENCE ONLY
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF VIRGINIA PANEL CORPORATION
AND IS SUBMITTED FOR USE BY THE CUSTOMER ONLY. THE DATA SHALL NOT BE DUPLICATED, USED OR
DISCLOSED IN WHOLE OR IN PART FOR ANY PURPOSE OTHER THAN TO MAINTAIN THE EQUIPMENT
PROVIDED. CONSULT WITH VIRGINIA PANEL CORPORATION ENGINEERING IF MORE DETAIL IS REQUIRED.
[1829]
72
5.
Maximum Operating Current = 1.5 Amps
USB 2.0 TYPE A PLUG
USB 2.0 WIRE - 2.5" WIRE BREAKOUT
610110108 - SIGNAL, ITA, TRIPADDLE, 7 AMP, 20-24 AWG, 30U GOLD
1.
FOR APPLICATION USE AND CARE INFORMATION CONSULT VPC USERS MANUAL @ WWW.VPC.COM
NOTES:
CUSTOMER DRAWING
VIRGINIA PANEL CORPORATION
WWW.VPC.COM
Signal Patchcord, ITA, TriPaddle, 72", USB 2.0 Wire, to USB
Type A Plug, (1.5 Amps)
DIMENSIONS ARE SHOWN AS
[MILLIMETERS]
INCHES
SIZE
A
CAGE CODE
18117
                    PART# 7-103872596-072
SCALE: NONE
DATE: 01/01/2018
SHEET 1 OF 1


Similar Part No. - 7-103872596-072

ManufacturerPart #DatasheetDescription
logo
Virginia Panel Corporat...
7-103872596-036 VPC-7-103872596-036 Datasheet
89Kb / 1P
   Signal Patchcord, ITA, TriPaddle, 36', USB 2.0 Wire, to USB Type A Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com