Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7-105870595-036 Datasheet(PDF) 1 Page - Virginia Panel Corporation

Part # 7-105870595-036
Description  Signal Patchcord, ITA, TriPaddle, 36", CAT5e, to RJ45 Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPC [Virginia Panel Corporation]
Direct Link  http://www.vpc.com
Logo VPC - Virginia Panel Corporation

7-105870595-036 Datasheet(HTML) 1 Page - Virginia Panel Corporation

  7-105870595-036 Datasheet HTML 1Page - Virginia Panel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
4
3
2
1
 
D
D
C
C
B
B
A
A
 
4
3
2
1
 
DRAWING NOT TO SCALE
FOR REFERENCE ONLY
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF VIRGINIA PANEL CORPORATION
AND IS SUBMITTED FOR USE BY THE CUSTOMER ONLY. THE DATA SHALL NOT BE DUPLICATED, USED OR
DISCLOSED IN WHOLE OR IN PART FOR ANY PURPOSE OTHER THAN TO MAINTAIN THE EQUIPMENT
PROVIDED. CONSULT WITH VIRGINIA PANEL CORPORATION ENGINEERING IF MORE DETAIL IS REQUIRED.
[914]
36
5.
Maximum Operating Current = 1.5 Amps
RJ45 PLUG - EIA568B
CAT5E - 2.5" WIRE BREAKOUT
610110169 - SIGNAL, ITA, TRIPADDLE, 7 AMP, 26-28 AWG, 30U GOLD
1.
FOR APPLICATION USE AND CARE INFORMATION CONSULT VPC USERS MANUAL @ WWW.VPC.COM
NOTES:
CUSTOMER DRAWING
VIRGINIA PANEL CORPORATION
WWW.VPC.COM
Signal Patchcord, ITA, TriPaddle, 36", CAT5e, to RJ45 Plug,
(1.5 Amps)
DIMENSIONS ARE SHOWN AS
[MILLIMETERS]
INCHES
SIZE
A
CAGE CODE
18117
                    PART# 7-105870595-036
SCALE: NONE
DATE: 01/01/2018
SHEET 1 OF 1


Similar Part No. - 7-105870595-036

ManufacturerPart #DatasheetDescription
logo
Virginia Panel Corporat...
7-105870595-072 VPC-7-105870595-072 Datasheet
90Kb / 1P
   Signal Patchcord, ITA, TriPaddle, 72", CAT5e, to RJ45 Plug,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com