document.write("
| BST-R Manufacturer |
| Search Partnumber : Match&Start with "BST-R" Total : 124 ( 1/7 Page) |
| Manufacturer | Part # | Datasheet Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() NXP Semiconductors | BST39 T/R | ![]() | NPN high-voltage transistors - Complement: BST15 ; fT min: 70 MHz; hFE max:>40 ; hFE min: 40 ; IC max: 100 mA; Polarity: NPN ; Ptot max: 1300 mW; VCEO max: 350 V | compliant no active | ![]() |
| BST50 T/R | ![]() | NPN Darlington transistors - Complement: BST60 ; fT min: 200 typ. MHz; hFE max:>2000 ; hFE min: 2000 ; IC max: 500 mA; Polarity: NPN ; Ptot max: 1300 mW; toff: 1500 ns; VCES max: 45 V | compliant no active | ![]() | |
| BST51 T/R | ![]() | NPN Darlington transistors - Complement: BST61 ; fT min: 200 typ. MHz; hFE max:>2000 ; hFE min: 2000 ; IC max: 500 mA; Polarity: NPN ; Ptot max: 1300 mW; toff: 1500 ns; VCES max: 60 V | compliant no active | ![]() | |
| BST52 T/R | ![]() | NPN Darlington transistors - Complement: BST62 ; fT min: 200 typ. MHz; hFE max:>2000 ; hFE min: 2000 ; IC max: 500 mA; Polarity: NPN ; Ptot max: 1300 mW; toff: 1500 ns; VCES max: 80 V | compliant no active | ![]() | |
| BST60 T/R | ![]() | PNP Darlington transistors - Complement: BST50 ; fT min: 200 typ. MHz; hFE max:>2000 ; hFE min: 2000 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 1300 mW; toff: 700 ns; VCES max: 45 V | compliant no active | ![]() | |
| BST61 T/R | ![]() | PNP Darlington transistors - Complement: BST51 ; fT min: 200 typ. MHz; hFE max:>2000 ; hFE min: 2000 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 1300 mW; toff: 700 ns; VCES max: 60 V | compliant no active | ![]() | |
| BST62 T/R | ![]() | PNP Darlington transistors - Complement: BST52 ; fT min: 200 typ. MHz; hFE max:>2000 ; hFE min: 2000 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 1300 mW; toff: 700 ns; VCES max: 80 V | compliant no active | ![]() | |
![]() Nexperia | BST82/C,215 | ![]() | BST82 - N-channel TrenchMOS intermediate level FET@en-us TO-236 3-Pin | obsolete | ![]() |
![]() TE Connectivity | BSTA078NN00420100000 | ![]() | Circular Connector, Zinc Alloy, Plug | unknown unknown active | |
| BSTA078NN00420235000 | ![]() | Circular Connector, Zinc Alloy, Plug | unknown unknown active | ||
| BSTA078NN00480235000 | ![]() | Circular Connector, Zinc Alloy, Plug | unknown unknown active | ||
| BSTA078NN00550235000 | ![]() | Circular Connector, Zinc Alloy, Plug | compliant unknown active | ||
| BSTA078NN00580100000 | ![]() | Circular Connector, Zinc Alloy, Plug | compliant unknown active | ||
| BSTA078NN00580235000 | ![]() | Circular Connector, Zinc Alloy, Plug | compliant unknown active | ||
| BSTA078NN00590100000 | ![]() | Circular Connector, Zinc Alloy, Plug | compliant unknown active | ||
| BSTA078NN00590235000 | ![]() | Circular Connector, Zinc Alloy, Plug | compliant unknown active | ||
| BSTA082NN00420100000 | ![]() | Circular Connector, Zinc Alloy, Plug | compliant unknown active | ||
| BSTA082NN00420235000 | ![]() | Circular Connector, Zinc Alloy, Plug | unknown unknown active | ||
| BSTA082NN00580100000 | ![]() | Circular Connector, Zinc Alloy, Plug | unknown unknown active | ||
| BSTA082NN00590235000 | ![]() | Circular Connector, Zinc Alloy, Plug | compliant unknown active |
1 2 3 4 5 6 7 |