document.write("
| FDY-R Manufacturer |
| Search Partnumber : Match&Start with "FDY-R" Total : 10 ( 1/1 Page) |
| Manufacturer | Part # | Datasheet Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() onsemi | FDY1002PZ | ![]() | Dual P-Channel (-1.5 V) Specified PowerTrench® MOSFET -20V, -0.83A, 0.5Ω, 3000-REEL | yes active | ![]() |
| FDY100PZ | ![]() | P-Channel (- 2.5V) Specified PowerTrench® MOSFET -20V, -0.35A, 1.2Ω, 3000-REEL | yes end_of_life | ![]() | |
| FDY101PZ | ![]() | P-Channel (-2.5V) Specified PowerTrench® MOSFET -20V, -0.15A, 8Ω, 3000-REEL | yes lifetime_buy | ![]() | |
| FDY2000PZ | ![]() | Dual P-Channel Specified PowerTrench® MOSFET -20V, -0.35A, 1.2Ω, 3000-REEL | yes end_of_life | ![]() | |
| FDY3000NZ | ![]() | Dual N-Channel 2.5V Specified PowerTrench® MOSFET 20V, 0.6A, 700mΩ, 3000-REEL | yes lifetime_buy | ![]() | |
| FDY300NZ | ![]() | N-Channel 2.5V Specified PowerTrench® MOSFET 20V, 0.6A, 0.7Ω, 3000-REEL | yes lifetime_buy | ![]() | |
| FDY301NZ | ![]() | N-Channel 2.5V Specified PowerTrench® MOSFET 20V, 0.2A, 5Ω, 3000-REEL | yes end_of_life | ![]() | |
| FDY302NZ | ![]() | N-Channel 2.5V Specified PowerTrench® MOSFET 20V, 0.6A, 0.3Ω, 3000-REEL | yes lifetime_buy | ![]() | |
| FDY4000CZ | ![]() | Complementary N & P-Channel PowerTrench® MOSFET 20V, 3000-REEL | yes lifetime_buy | ![]() | |
| FDY6342L | ![]() | Integrated Load Switch, 3000-REEL | yes contact_manufacturer | ![]() |
1 |