document.write("
| RW-R Manufacturer |
| Search Partnumber : Match&Start with "RW-R" Total : 169 ( 1/9 Page) |
| Manufacturer | Part # | Datasheet Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() RECOM Power Inc | RW-0505D (10003386) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 05; In V MIN: 4.5; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 3kV; Output: dual; Power Watts or Amps: 3W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5 | compliant yes active | |
| RW-0505S (10000862) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 05; In V MIN: 4.5; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: 600; Isolation: 1kV; Output: single; Power Watts or Amps: 3W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 5; | compliant yes active | ||
| RW-0505S/SMD (10013998) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 05; In V MIN: 4.5; In V MAX: 9; Out V MIN: 5; Out V MAX: 5; Out-mA: 600; Isolation: 1kV; Output: single; Power Watts or Amps: 3W; Package: SMD 24 Pin Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT- | compliant yes active | ||
| RW-0509D (10003983) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 09; In V MIN: 4.5; In V MAX: 9; Out V MIN: 9; Out V MAX: 9; Out-mA: +/-111; Isolation: 3kV; Output: dual; Power Watts or Amps: 3W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9 | compliant yes active | ||
| RW-0509S (10000863) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 09; In V MIN: 4.5; In V MAX: 9; Out V MIN: 9; Out V MAX: 9; Out-mA: 333; Isolation: 1kV; Output: single; Power Watts or Amps: 3W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: 9; | compliant yes active | ||
| RW-0509S/SMD (10014002) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 09; In V MIN: 4.5; In V MAX: 9; Out V MIN: 9; Out V MAX: 9; Out-mA: 333; Isolation: 1kV; Output: single; Power Watts or Amps: 3W; Package: SMD 24 Pin Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT- | compliant yes active | ||
| RW-0512D (10004698) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 12; In V MIN: 4.5; In V MAX: 9; Out V MIN: 12; Out V MAX: 12; Out-mA: +/-83; Isolation: 3kV; Output: dual; Power Watts or Amps: 3W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: | compliant yes active | ||
| RW-0512S (10000864) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 12; In V MIN: 4.5; In V MAX: 9; Out V MIN: 12; Out V MAX: 12; Out-mA: 250; Isolation: 1kV; Output: single; Power Watts or Amps: 3W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: | compliant yes active | ||
| RW-0512S/SMD (10013996) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 12; In V MIN: 4.5; In V MAX: 9; Out V MIN: 12; Out V MAX: 12; Out-mA: 250; Isolation: 1kV; Output: single; Power Watts or Amps: 3W; Package: SMD 24 Pin Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPU | compliant yes active | ||
| RW-0515D (10004884) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 15; In V MIN: 4.5; In V MAX: 9; Out V MIN: 15; Out V MAX: 15; Out-mA: +/-67; Isolation: 3kV; Output: dual; Power Watts or Amps: 3W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: | compliant yes active | ||
| RW-0515S (10000865) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 15; In V MIN: 4.5; In V MAX: 9; Out V MIN: 15; Out V MAX: 15; Out-mA: 200; Isolation: 1kV; Output: single; Power Watts or Amps: 3W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPUT-V: | compliant yes active | ||
| RW-0515S/SMD (10014003) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 15; In V MIN: 4.5; In V MAX: 9; Out V MIN: 15; Out V MAX: 15; Out-mA: 200; Isolation: 1kV; Output: single; Power Watts or Amps: 3W; Package: SMD 24 Pin Mini; Short Circuit Protec: Yes; MC INPUT-V: 5; MC OUTPU | compliant yes active | ||
| RW-053.3D | ![]() | ECONOLINE: RW-D - DIP24 Miniature Package- 2:1 Wide Range Voltage Input- 1kVDC Isolation- UL94V-0 Package Material- Continuous Short Circiut Protection- Less than 7mm Height- Cost Effective- Short Lead Time- No External Capacitor needed- Efficiency to 88% | compliant yes active | ||
| RW-053.3S (10003800) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 3.3; In V MIN: 4.5; In V MAX: 9; Out V MIN: 3.29999999999999; Out V MAX: 3.29999999999999; Out-mA: 650; Isolation: 1kV; Output: single; Power Watts or Amps: 3W; Package: DIP24 Mini; Short Circuit Protec: Yes; | compliant yes active | ||
| RW-053.3S/SMD (10014004) | ![]() | Regulated DC/DC Converter; In-V: 4.5-9; Out-V: 3.3; In V MIN: 4.5; In V MAX: 9; Out V MIN: 3.29999999999999; Out V MAX: 3.29999999999999; Out-mA: 650; Isolation: 1kV; Output: single; Power Watts or Amps: 3W; Package: SMD 24 Pin Mini; Short Circuit Protec: | compliant yes active | ||
![]() C&K | RW-108-NS RT | ![]() | Rotary Switch | unknown unknown active | |
| RW-1106 NS RT | ![]() | Rotary Switch | unknown unknown active | ||
![]() RECOM Power Inc | RW-1205D (10003338) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 05; In V MIN: 9; In V MAX: 18; Out V MIN: 5; Out V MAX: 5; Out-mA: +/-200; Isolation: 3kV; Output: dual; Power Watts or Amps: 3W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 5; | compliant yes active | |
| RW-1205S (10000866) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 05; In V MIN: 9; In V MAX: 18; Out V MIN: 5; Out V MAX: 5; Out-mA: 600; Isolation: 1kV; Output: single; Power Watts or Amps: 3W; Package: DIP24 Mini; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V: 5; | compliant yes active | ||
| RW-1205S/SMD (10014000) | ![]() | Regulated DC/DC Converter; In-V: 9-18; Out-V: 05; In V MIN: 9; In V MAX: 18; Out V MIN: 5; Out V MAX: 5; Out-mA: 600; Isolation: 1kV; Output: single; Power Watts or Amps: 3W; Package: SMD 24 Pin Mini; Short Circuit Protec: Yes; MC INPUT-V: 12; MC OUTPUT-V | compliant yes active |
1 2 3 4 5 6 7 8 9 |