Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • -A4AD-R

  • AI
    The **A4AD-R** typically refers to a high-performance **Step Motor Driver** module (often associated with brands like Autonics). It is designed to control 5-phase stepper motors with high precision and reliability. --- ### 1. Key Technical Specifications The "R" suffix often denotes specific features like **Rotating** (built-in pulse generation) or **Reverse** logic compatibility, depending on the manufacturer’s series. | Feature | Specification (Typical) | | :--- | :--- | | **Phase Type** | 5-Phase | | **Power Supply** | 100–240 VAC (50/60 Hz) | | **Drive Method** | Bipolar Constant Current | | **Current Range** | 0.4A to 1.4A per phase | | **Resolution** | Full step / Half step (Switchable) | | **Input Logic** | Photocoupler isolation | --- ### 2. Electronic Components & Their Roles The A4AD-R consists of several critical electronic sub-systems: #### A. Power Conversion Stage * **Bridge Rectifier:** Converts incoming AC voltage (110V/220V) into high-voltage DC. * **Smoothing Capacitors:** High-capacity electrolytic capacitors that filter the DC voltage to ensure a stable supply for the motor coils. #### B. Logic & Control Stage * **Microcontroller (MCU):** Processes input pulses (Step/Direction) and calculates the correct firing sequence for the 5-phase motor. * **Photocouplers:** Provide electrical isolation between the control signal (PLC/Motion Controller) and the high-voltage motor power to prevent noise interference. #### C. Power Inverter (Output) * **Power MOSFETs/IGBTs:** Arranged in a bridge configuration to switch current into the motor windings. * **Current Sensing Resistors:** Precision shunt resistors that provide feedback to the controller to maintain constant current. --- ### 3. Connection Terminals | Terminal Label | Function | Description | | :--- | :--- | :--- | | **L / N** | AC Power Input | Main power supply input (100-240VAC). | | **CW / CCW** | Pulse Input | Directional control (Clockwise / Counter-Clockwise). | | **HOLD OFF** | Motor Free | Disables motor torque (allows manual rotation). | | **A, B, C, D, E** | Motor Output | 5-Phase connection lines to the stepper motor. | --- ### 4. Safety & Protection Features * **Overcurrent Protection:** Shuts down the output if a short circuit is detected. * **Overheat Protection:** Sensors monitor the heat sink temperature to prevent thermal runaway. * **Zero-Cross Switching:** Reduces electrical noise during the transition of power.
    ✨ Follow-up Questions
    • ⤷ What is the difference between 2-phase and 5-phase stepper drivers like the A4AD-R?
    • ⤷ How do I set the microstepping resolution on this driver?
    • ⤷ What are the common troubleshooting steps for a 'Hold Off' signal issue?