Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • -S-HA-R

  • AI
    The term **S-HA-R** is generally associated with a specific series of high-performance **Hybrid Power Modules** or high-frequency induction heating components, often produced by manufacturers like **Sansha Electric (SanRex)** or used in specialized industrial power electronics. Below is a breakdown of the electronic architecture and components typically found in these types of power modules. --- ## 1. Core Component Overview These modules are designed for high-power switching and rectification. They integrate several discrete components into a single thermally-efficient package. | Component Type | Function in S-HA-R Module | | :--- | :--- | | **IGBT / MOSFET** | Acts as the high-speed electronic switch to control power flow. | | **Fast Recovery Diodes** | Prevents reverse current and protects switches during inductive kicks. | | **Thermistor (NTC)** | Monitors internal temperature to prevent thermal runaway. | | **DBC Substrate** | Direct Bonded Copper provides high electrical isolation and thermal conductivity. | --- ## 2. Technical Specifications While specific models vary, the "HA" designation often refers to **High-Amperage** or **High-Frequency** applications. ### Key Electronic Characteristics: * **Voltage Rating:** Typically ranges from **600V to 1200V**, suitable for industrial grid voltages. * **Current Capacity:** Designed to handle **50A to 400A** depending on the specific chassis size. * **Switching Speed:** Optimized for frequencies between **20kHz and 100kHz**, reducing audible noise and increasing efficiency. --- ## 3. Internal Circuit Architecture Most S-HA-R series devices utilize a **Half-Bridge** or **Full-Bridge** configuration. Below is a simplified representation of the internal logic: ```cpp // Logic flow for a typical S-HA-R Power Module Input_Power (AC/DC) --> [Rectification Bridge] --> [Filtering Capacitors] --> [S-HA-R Switching Matrix] --> [High Frequency Transformer] --> Output Load ``` --- ## 4. Common Applications Due to their robust construction and high thermal stability, these parts are used in: 1. **Induction Heating:** Used as the primary inverter stage to generate magnetic fields. 2. **Uninterruptible Power Supplies (UPS):** Managing the conversion between battery DC and mains AC. 3. **Welding Machines:** Providing high-current DC pulses for arc stability. 4. **Motor Drives:** Controlling the speed of large industrial 3-phase motors. --- ## 5. Maintenance and Identification When identifying these parts, look for the following marking patterns on the casing: * **S:** Often denotes the manufacturer (e.g., SanRex). * **HA:** High-frequency / High-power series. * **R:** Usually indicates "Rectifier" integrated or "RoHS" compliance.
    ✨ Follow-up Questions
    • ⤷ Are you looking for a datasheet for a specific S-HA-R part number?
    • ⤷ Do you need help troubleshooting a failure in a power module?
    • ⤷ Would you like a comparison between S-HA-R modules and standard discrete IGBTs?