104CDMCCDS-R56MC
AI

The **104CDMCCDS-R56MC** is a high-performance **shielded power inductor** manufactured by **Sumida**. It is part of the CDMCCDS series, designed primarily for automotive and high-reliability industrial applications.
---
### 1. Technical Specifications
The part number encodes specific electrical and physical characteristics. Here is the breakdown of its core parameters:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.56 µH (Microhenries) |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~1.6 mΩ (Typical) |
| **Saturation Current (Isat)** | ~31.0 A |
| **Temperature Rise Current (Irms)** | ~25.0 A |
| **Dimensions** | 11.5 x 10.4 x 4.0 mm |
| **Operating Temperature** | -55°C to +155°C |
---
### 2. Key Features
* **Metal Compound Molding:** Uses a metal powder molding technology which allows for a high saturation current and low DCR in a small footprint.
* **Magnetic Shielding:** The molded construction provides excellent magnetic shielding, minimizing Electromagnetic Interference (EMI) with surrounding components.
* **Automotive Grade (AEC-Q200):** This part is typically qualified for automotive use, meaning it can withstand high vibration and extreme temperature fluctuations.
* **Low Profile:** With a height of roughly 4.0 mm, it is suitable for slim electronic assemblies.
---
### 3. Part Number Decoding
The alphanumeric string follows a specific nomenclature:
| Segment | Meaning |
| :--- | :--- |
| **104** | Size code (approx. 10mm x 11mm) |
| **CDMC** | Series name (Metal Powder Molded Inductor) |
| **CDS** | Construction/Material variant (often denotes high-temp or specific core) |
| **R56** | Inductance value (R = decimal point; R56 = 0.56 µH) |
| **M** | Tolerance (M = ±20%) |
| **C** | Packaging / Special code (typically Taping/Reel) |
---
### 4. Common Applications
Due to its high current handling and low EMI profile, it is used in:
* **DC/DC Converters:** Voltage regulation in automotive infotainment or engine control units (ECU).
* **Power Modules:** High-efficiency power supplies for industrial computers.
* **Battery Management Systems (BMS):** Handling high-frequency switching in battery circuits.
- ⤷
What are the equivalent alternative parts for the 104CDMCCDS-R56MC?
- ⤷ How does metal powder molding compare to traditional wire-wound ferrites?
- ⤷ Can this inductor be used in high-frequency switching above 2MHz?