Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 10RS-5A-R6-R

  • AI
    The part number **10RS-5A-R6-R** typically refers to a high-performance **Thin Film Surface Mount Chip Resistor**, often associated with precision electronics and automotive-grade applications. --- ### 1. Technical Specifications Based on standard naming conventions for precision resistors (such as those from manufacturers like Susumu or similar high-reliability brands), here is the breakdown of the technical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Thin Film Resistor | Offers high precision and stability over time. | | **Resistance Value** | 10 $\Omega$ | The "10R" indicates 10 Ohms. | | **Tolerance** | ±0.05% to ±0.5% | Usually denotes high precision (S-grade/A-grade). | | **Power Rating** | 1/10W to 1/8W | Depending on the case size (0603 or 0805). | | **Package / Case** | 0603 (1608 Metric) | Indicated by the "R6" code in many series. | | **Mounting Type** | SMD / SMT | Surface Mount Technology. | | **Standard** | AEC-Q200 | Often compliant with automotive reliability standards. | --- ### 2. Part Number Breakdown While specific manufacturers vary slightly, the nomenclature generally follows this logic: * **10R**: The base resistance value (**10 Ohms**). * **S**: Often represents the **Tolerance** or a specific high-precision series. * **5A**: Usually refers to the **Temperature Coefficient of Resistance (TCR)**, often ±5ppm/°C, indicating extreme stability against heat. * **R6**: Refers to the physical **Package Size** (commonly 0603). * **R**: Typically denotes the **Packaging Method** (Tape & Reel). --- ### 3. Key Applications These components are not standard "general purpose" resistors. They are used where accuracy is critical: 1. **Automotive Electronics**: Control units (ECUs) and sensor interfaces. 2. **Medical Equipment**: Monitoring devices that require low noise and high stability. 3. **Industrial Instrumentation**: Measurement bridges and precision scales. 4. **Telecommunications**: High-frequency base stations and signal processing. --- ### 4. Comparison: Thin Film vs. Thick Film | Feature | Thin Film (10RS Series) | Thick Film (Standard) | | :--- | :--- | :--- | | **Accuracy** | Very High | Moderate | | **Temperature Stability** | Excellent (Low TCR) | Average | | **Noise** | Very Low | Higher | | **Cost** | Higher | Lower |
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for the 10RS-5A-R6-R part?
    • ⤷ How does the TCR (Temperature Coefficient) affect circuit performance?
    • ⤷ Can this resistor be substituted with a standard 10 ohm thick-film resistor?