Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 128MDCL112KPN

  • AI
    The part number **128MDCL112KPN** refers to a high-performance **Film Capacitor**, typically utilized in power electronics for DC-Link applications. These components are essential for smoothing voltage and managing energy storage in high-current environments. --- ### 1. Technical Specifications Breakout The alphanumeric code provides specific details regarding the capacitor's construction and ratings: | Parameter | Value / Detail | | :--- | :--- | | **Capacitance** | 1200 µF (Microfarads) | | **Tolerance** | ±10% (Indicated by the 'K') | | **Voltage Rating** | 1100 VDC to 1200 VDC (Series dependent) | | **Technology** | Metallized Polypropylene Film | | **Terminal Type** | Screw terminals or heavy-duty lugs | | **Application** | DC-Link / Frequency Converters | --- ### 2. Core Functional Characteristics #### A. Dielectric Material The use of **Metallized Polypropylene (MKP)** allows the part to handle high voltage stress with very low dielectric losses. This material also provides a "self-healing" property, where small internal shorts are cleared by evaporating the metal layer around the fault, preventing catastrophic failure. #### B. High Ripple Current Handling Unlike standard electrolytic capacitors, this film capacitor is designed to withstand high RMS currents (Ripple current) without significant overheating. This is critical in inverter circuits where high-frequency switching occurs. #### C. Low ESL and ESR - **ESR (Equivalent Series Resistance):** Extremely low, minimizing heat dissipation. - **ESL (Equivalent Series Inductance):** Optimized internal geometry to minimize inductance, which is vital for protecting IGBTs from voltage spikes during switching. --- ### 3. Common Applications Due to its high capacitance and voltage rating, the 128MDCL112KPN is usually found in: 1. **Solar Inverters:** Converting DC power from panels to AC for the grid. 2. **Electric Vehicle (EV) Powertrains:** Acting as a buffer between the battery and the motor controller. 3. **Wind Turbines:** Used in the power conversion stages. 4. **Industrial Drives:** Used in Variable Frequency Drives (VFD) for large motor control. 5. **Uninterruptible Power Supplies (UPS):** High-capacity energy storage for emergency switching. --- ### 4. Comparison: Film vs. Electrolytic | Feature | 128MDCL112KPN (Film) | Traditional Electrolytic | | :--- | :--- | :--- | | **Lifespan** | Very Long (>100,000 hours) | Moderate (2,000–10,000 hours) | | **Voltage Reversal** | Can handle some reversal | Cannot handle reversal | | **Size** | Larger per µF | Smaller per µF | | **Reliability** | Dry construction (no leakage) | Wet electrolyte (can dry out) | ---
    ✨ Follow-up Questions
    • ⤷ What are the mounting dimensions and physical footprints for this specific capacitor model?
    • ⤷ How does temperature derating affect the 1100V voltage rating in industrial environments?
    • ⤷ Can this capacitor be used in AC filtering applications
    • ⤷ or is it strictly for DC-Link?