AI

It appears you are referring to the **190890** series, which is a specific part number designation often associated with **Molex** connectors, specifically the **Krimptite** or **Avikrimp** series of electrical terminals.
Below is a breakdown of the technical specifications, types, and applications for parts within this category.
---
### 1. Component Overview
The 190890 series typically represents **Ring Terminals** or **Solderless Terminals**. These are used to connect a wire to a stud, screw, or bolt to create a secure electrical connection.
| Feature | Specification (General 190890 series) |
| :--- | :--- |
| **Component Type** | Ring Tongue Terminal |
| **Material** | Tin-Plated Copper |
| **Insulation** | Often Uninsulated (Krimptite) or Nylon/PVC Insulated |
| **Wire Size (AWG)** | Typically ranges from 10-12 AWG or 14-16 AWG |
| **Stud Size** | Varies (e.g., #10, 1/4", 5/16") |
| **Termination Interface** | Crimp or Compression |
---
### 2. Key Technical Attributes
These parts are engineered for high-conductivity and durability in industrial environments.
* **Plating:** The tin plating prevents corrosion and ensures low contact resistance over the life of the part.
* **Seamless Barrel:** Many parts in this series feature a closed barrel design, which prevents the barrel from opening during the crimping process.
* **Thermal Range:** Standard uninsulated versions can withstand higher temperatures (up to 149°C / 300°F) compared to plastic-insulated counterparts.
---
### 3. Common Variants
Part numbers in this family often have suffixes that denote specific physical dimensions:
1. **19089-0001:** Often a standard uninsulated ring for 14-16 AWG.
2. **19089-0005:** May refer to a larger stud size (e.g., 3/8").
3. **High-Temperature Versions:** Specific iterations use nickel plating for extreme heat environments.
---
### 4. Typical Applications
These electronic parts are found in virtually every industry that requires power distribution:
* **Automotive:** Grounding wires and battery connections.
* **Industrial Machinery:** Control panels and motor wiring.
* **Consumer Appliances:** Internal power routing for HVAC or ovens.
* **Marine:** Tin-plated versions are preferred to resist salt-water oxidation.
---
### 5. Proper Installation
To ensure the electrical integrity of a 190890 series part, follow these steps:
```text
1. Strip the wire insulation to the length of the terminal barrel.
2. Insert the bare wire into the barrel until it is flush with the ring.
3. Use a calibrated crimping tool (e.g., Molex Hand Crimp Tool).
4. Perform a "pull test" to ensure the mechanical connection is solid.
```
- ⤷
Are you looking for a specific datasheet for a Molex 19089 series part?
- ⤷ Do you need help selecting the correct wire gauge for this terminal?
- ⤷ Are you interested in the differences between insulated and uninsulated versions of this part?