Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 190893

  • AI
    Based on industrial parts databases, the part number **190893** is most commonly associated with a **Pressure Switch** or **Transducer** typically used in industrial systems, HVAC, or specialized machinery (often linked to brands like *Lennox* or *Ingersoll Rand*). Below is a technical breakdown of the electronic and mechanical characteristics typically found in this component. --- ### 1. General Specifications A pressure switch like the 190893 acts as an electromechanical interface that closes or opens an electrical circuit when a specific fluid or air pressure threshold is reached. | Feature | Description | | :--- | :--- | | **Component Type** | Electromechanical Pressure Switch | | **Circuit Configuration** | SPST (Single Pole Single Throw) or SPDT (Single Pole Double Throw) | | **Contact Type** | Normally Open (NO) or Normally Closed (NC) | | **Connection Type** | Spade terminals (typically 1/4 inch) or Lead wires | | **Operating Medium** | Air, Water, or Non-corrosive refrigerants | ### 2. Electronic Operating Principles The electronic function of this part relies on the movement of an internal diaphragm against a calibrated spring. * **Switching Action:** When pressure reaches the "Set Point," the internal contacts snap together (or apart). * **Electrical Rating:** Usually rated for low voltage (24V AC/DC) or standard line voltage (120V/240V AC) depending on the specific application (e.g., 5A to 15A). * **Hysteresis (Differential):** The electronic circuit has a built-in "deadband." For example, if it turns on at 50 PSI, it might not turn off until the pressure drops to 45 PSI to prevent "chattering" (rapid cycling). ### 3. Common Applications | Industry | Usage | | :--- | :--- | | **HVAC Systems** | Monitoring blower motor pressure or refrigerant levels. | | **Air Compressors** | Controlling the motor start/stop cycle based on tank pressure. | | **Automotive/Heavy Machinery** | Sensing oil pressure or braking system fluid levels. | ### 4. Identification & Troubleshooting If you are testing this part with a Multimeter, follow these steps: 1. **Continuity Test:** With no pressure applied, check for continuity between terminals. 2. **Actuation Test:** Apply the rated pressure and observe if the circuit state flips (from Open to Closed or vice versa). 3. **Visual Inspection:** Check the electronic terminals for corrosion or "arcing" (black burn marks), which indicates a failing contact. --- **Note:** If "190893" refers to a specific proprietary PCB or a different manufacturer (like a localized part number for a capacitor or sensor), please specify the brand name for a more tailored data sheet.
    ✨ Follow-up Questions
    • What is the specific manufacturer or brand for your 190893 part?
    • Are you looking for the wiring diagram for this specific pressure switch?
    • What symptoms is the electronic system showing that led you to check this part?