1N6660
AI

The **1N6660** is a high-reliability, high-speed **Schottky Power Rectifier Diode**. It is primarily designed for use in military, aerospace, and high-end industrial applications where efficiency and radiation tolerance are critical.
---
### ## Technical Specifications
The following table summarizes the key electrical characteristics of the 1N6660:
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| **Peak Repetitive Reverse Voltage** | $V_{RRM}$ | 45 V |
| **Average Rectified Forward Current** | $I_{O}$ | 30 A |
| **Peak Forward Surge Current** | $I_{FSM}$ | 600 A |
| **Maximum Forward Voltage Drop** | $V_{F}$ | ~0.70 V (at 30A) |
| **Operating Temperature Range** | $T_{j}$ | -65°C to +150°C |
| **Case Style** | Package | TO-254 (Hermetic) |
---
### ### Key Features and Construction
1. **Schottky Barrier Technology:** Unlike standard PN junction diodes, the 1N6660 uses a metal-to-silicon barrier. This results in a very low forward voltage drop and extremely fast switching speeds because there is no minority carrier recovery time.
2. **Hermetic Packaging:** It is typically housed in a **TO-254** package. This is a metal, glass-to-metal sealed package that ensures the internal components are protected from moisture and atmospheric contaminants.
3. **Low Thermal Resistance:** The package is designed for mounting on a heatsink, allowing it to dissipate heat efficiently while carrying high currents (30A).
4. **Common Cathode/Anode Configurations:** It is often available in dual-diode configurations (e.g., 1N6660CCT) within the same package for use in center-tap rectification.
---
### ### Typical Applications
The 1N6660 is utilized in circuits where power loss must be minimized and frequency is high:
* **Switching Power Supplies (SMPS):** Used as output rectifiers for DC-DC converters.
* **Low Voltage Rectification:** Ideal for 5V or 12V power rails due to the low $V_F$.
* **Freewheeling Diodes:** Used in motor control circuits to protect against inductive spikes.
* **Satellite & Aerospace:** Selected for its ability to withstand harsh environments and its reliability ratings (JAN, JANTX, JANTXV levels).
---
### ### Comparison with Standard Diodes
| Feature | Standard Rectifier (e.g., 1N5408) | 1N6660 (Schottky) |
| :--- | :--- | :--- |
| **Switching Speed** | Slow (ms/μs) | Ultra-Fast (ns) |
| **Voltage Drop** | High (~1.1V) | Low (~0.7V) |
| **Reverse Leakage** | Very Low | Higher |
| **Voltage Rating** | High (up to 1000V+) | Lower (usually <100V) |
- ⤷
What are the differences between JANTX and JANTXV quality levels for this part?
- ⤷ How does temperature affect the reverse leakage current of the 1N6660?
- ⤷ Can the 1N6660 be used in parallel to increase current capacity?