Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 2053-14-SM-RPLF

  • AI
    ### Technical Overview: 2053-14-SM-RPLF The **2053-14-SM-RPLF** is a Gas Discharge Tube (GDT) surge arrestor manufactured by **Bourns Inc.** It is designed to protect sensitive electronic equipment from voltage transients caused by lightning or other electrical disturbances. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Bourns Inc. | | **Type** | Gas Discharge Tube (GDT) | | **DC Sparkover Voltage** | 140V (±20%) | | **Number of Poles** | 3-Pole (Commonly used for Line-Line-Ground protection) | | **Mounting Type** | Surface Mount (SMD) | | **Impulse Discharge Current** | 10 kA (8/20 μs waveform) | | **Insulation Resistance** | > 10 GΩ | | **Capacitance** | < 2 pF | | **RoHS Compliance** | Yes (LF indicates Lead-Free) | --- ### Functional Components and Technology #### 1. The Gas Discharge Mechanism Inside the ceramic body is a controlled mixture of noble gases. When a voltage surge exceeds the "Sparkover Voltage" (140V), the gas ionizes and turns into a highly conductive plasma. This creates a low-impedance path to ground, shunting the excess energy away from protected circuitry. #### 2. Three-Pole Configuration Unlike 2-pole GDTs, the 2053 series features three electrodes. This is specifically designed for balanced lines (like telecommunication pairs). It ensures that if one line experiences a surge, the ionization occurs across all electrodes, preventing a voltage differential between the two signal lines. #### 3. Surface Mount Device (SMD) The "SM" in the part number indicates it is designed for automated pick-and-place assembly on PCBs. This is ideal for modern, high-density electronic designs where space is limited. --- ### Application Areas * **Telecommunications:** Protecting DSL, POTS, and high-speed data lines. * **Industrial Controls:** Protecting signal lines in harsh electrical environments. * **Power Supplies:** Providing secondary protection on input/output stages. * **Data Ports:** Guarding RS-485, Ethernet, or other communication interfaces. --- ### Nomenclature Breakdown * **2053:** The series identifier (3-pole GDT). * **14:** Represents the voltage rating (140V). * **SM:** Surface Mount package. * **RP:** Reel Pack (packaging style for manufacturing). * **LF:** Lead-Free (RoHS compliant).
    ✨ Follow-up Questions
    • How does a 3-pole GDT differ from a 2-pole GDT in circuit protection?
    • What are the typical failure modes of a Gas Discharge Tube?
    • Can this component be used for high-speed data line protection without signal degradation?