Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • 2053-23-SM-RPLF

  • AI
    The **2053-23-SM-RPLF** is a Gas Discharge Tube (GDT) surge arrestor manufactured by **Bourns Inc.** It is a specialized passive component designed to protect sensitive electronic equipment from overvoltage transients, such as those caused by lightning strikes or industrial switching. --- ### ## Technical Specifications The following table outlines the key electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Bourns Inc. | | **Part Series** | 2053 Series (High Voltage GDT) | | **DC Sparkover Voltage** | 2300V (±20%) | | **Number of Poles** | 2-Pole | | **Mounting Type** | Surface Mount (SMD) | | **Impulse Discharge Current** | 5 kA (8/20 µs waveform) | | **Insulation Resistance** | > 1 GΩ | | **Capacitance** | < 1.0 pF | | **RoHS Status** | Compliant (LF = Lead Free) | --- ### ### Key Features and Construction 1. **Operation Principle:** The device contains a specific gas mixture between two electrodes. When the voltage exceeds 2300V, the gas ionizes (sparks over), creating a low-impedance path to ground to shunt the excess energy away from protected circuitry. 2. **Low Capacitance:** Because its capacitance is extremely low (<1 pF), it has almost no impact on high-speed data signals, making it ideal for high-frequency applications. 3. **Form Factor:** The "SM" designation indicates it is a surface-mount device, allowing for automated PCB assembly. 4. **RPLF Suffix:** * **RP:** Reel Pack (packaged on tape and reel). * **LF:** Lead-Free (RoHS compliant). --- ### ### Common Applications * **Power Supplies:** Protection for high-voltage AC/DC power lines. * **Telecommunications:** Protecting signal lines that may be exposed to outdoor transients. * **Industrial Equipment:** Used in motor controllers and heavy machinery interfaces. * **Street Lighting:** Protecting LED drivers from surge voltages. --- ### ### Advantages and Limitations * **Pros:** High current handling capability for its size, very long service life under normal conditions, and negligible signal distortion. * **Cons:** Once the gas ionizes (crowbar effect), the voltage across the device drops to a very low level (arc voltage). If the power source can provide enough current to maintain this arc, the GDT may not turn off until power is removed (known as "follow-on current"). ---
    ✨ Follow-up Questions
    • What is the difference between a GDT and a TVS diode?
    • How do I calculate the 'follow-on current' risk for this part?
    • Are there recommended PCB layout footprints for the 2053 series?